Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV9380 Datasheet(PDF) 3 Page - STMicroelectronics

Part # STV9380
Description  CLASS-D VERTICAL DEFLECTION AMPLIFIER FOR TV AND MONITOR APPLICATION
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV9380 Datasheet(HTML) 3 Page - STMicroelectronics

  STV9380 Datasheet HTML 1Page - STMicroelectronics STV9380 Datasheet HTML 2Page - STMicroelectronics STV9380 Datasheet HTML 3Page - STMicroelectronics STV9380 Datasheet HTML 4Page - STMicroelectronics STV9380 Datasheet HTML 5Page - STMicroelectronics STV9380 Datasheet HTML 6Page - STMicroelectronics STV9380 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Flyback
Flyback
Output
Modulator
+
_
drive
generator
detection
+VCC
+VCC power
CFLYBACK
CFLY+
100nF
VREG
IN+
IN -
1k
Ω
10k
Ω
EA out
-VCC power
-VCC
-VCC
BOOT
Cboot
470nF
10k
Ω
4.7nF
FREQ
FEEDCAP
SGND
Pins 1,2,3,18,19,20
OUT
0.5
Ω
Deflect.
Yoke
CFLY-
+VCC
1mH
Input signal
1k
Ω
100nF
-VCC
100nF
100nF
470
µF
470
µF
STV9380
100
µF
14
11
9
17
560pF
150
Ω
200
Ω
15
16
TDA9380
5
6
7
4
13
12
150
Ω
10
Vref
8



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com