Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV9380 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STV9380
Description  CLASS-D VERTICAL DEFLECTION AMPLIFIER FOR TV AND MONITOR APPLICATION
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV9380 Datasheet(HTML) 1 Page - STMicroelectronics

  STV9380 Datasheet HTML 1Page - STMicroelectronics STV9380 Datasheet HTML 2Page - STMicroelectronics STV9380 Datasheet HTML 3Page - STMicroelectronics STV9380 Datasheet HTML 4Page - STMicroelectronics STV9380 Datasheet HTML 5Page - STMicroelectronics STV9380 Datasheet HTML 6Page - STMicroelectronics STV9380 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
May 2000
1/7
This is preliminary information on a new product now in development. Details are subject to change without notice.
Version 1.1
STV9380
CLASS-D VERTICAL DEFLECTION AMPLIFIER FOR TV AND
MONITOR APPLICATION
TARGET SPECIFICATION
FEATURES
s
High Efficiency Power Amplifier
s
No Heatsink
s
Split Supply
s
Flyback Generator
s
Output Current up to 2.5 APP
s
Flyback Voltage up to 65V
s
Suitable for DC Coupling Application
DESCRIPTION
Designed for monitors and TVs, the STV9380 is a
class-D vertical deflection booster assembled in
PDIP20 Package.
It operates with supplies up to +/- 16V, provides
up to 2.5 App output current to drive the yoke. Fly-
back voltage is close to 65V.
PIN CONNECTION
PDIP20 (14+3+3)
ORDER CODE: STV9380
20
19
18
17
16
15
14
13
12
11
1
2
3
4
5
6
7
8
9
10
-VCC
-VCC
-VCC
-VCC
-VCC
-VCC
-VCCPOW
+ VCC POW
+VCC
EAout
IN+
IN-
SGND
OUT
CFLY +
CFLY -
BOOT
VREG
FEEDCAP
FREQ
1


Similar Part No. - STV9380

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STV9380A STMICROELECTRONICS-STV9380A Datasheet
129Kb / 10P
Class-D Vertical Deflection Amplifier for 2.5 Amp TV and Monitor Applications
Oct-2003
More results

Similar Description - STV9380

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA8176 STMICROELECTRONICS-TDA8176 Datasheet
94Kb / 5P
TV VERTICAL DEFLECTION SYSTEM FOR TV AND MONITORS
Nov-1992
TEA2037A STMICROELECTRONICS-TEA2037A Datasheet
94Kb / 9P
HORIZONTAL AND VERTICAL DEFLECTION MONITOR
Sep-1996
logo
TEMIC Semiconductors
TEA8172 TEMIC-TEA8172 Datasheet
63Kb / 4P
TV Vertical Deflection Output Amplifier
TDA4173 TEMIC-TDA4173 Datasheet
71Kb / 6P
TV Vertical Deflection Output Amplifier
logo
STMicroelectronics
STV9381 STMICROELECTRONICS-STV9381 Datasheet
116Kb / 8P
CLASS-D VERTICAL DEFLECTION AMPLIFIER FOR TV AND MONITOR APPLICATION
Sep-2003
STV9383 STMICROELECTRONICS-STV9383 Datasheet
129Kb / 10P
Class-D Vertical Deflection Amplifier for 2.0 Amp TV and Monitor Applications
Oct-2003
TEA2017 STMICROELECTRONICS-TEA2017 Datasheet
402Kb / 12P
HORIZONTAL AND VERTICAL DEFLECTION MONITOR
STV9382 STMICROELECTRONICS-STV9382 Datasheet
157Kb / 10P
OPTIMWATTTM Class-D Vertical Deflection Amplifier for 1.5 Amp TV Applications
STV9380A STMICROELECTRONICS-STV9380A Datasheet
129Kb / 10P
Class-D Vertical Deflection Amplifier for 2.5 Amp TV and Monitor Applications
Oct-2003
TEA2037A STMICROELECTRONICS-TEA2037A_04 Datasheet
137Kb / 14P
HORIZONTAL AND VERTICAL DEFLECTION MONITOR
13-May-2004
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com