Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV9380 Datasheet(PDF) 5 Page - STMicroelectronics

Part # STV9380
Description  CLASS-D VERTICAL DEFLECTION AMPLIFIER FOR TV AND MONITOR APPLICATION
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV9380 Datasheet(HTML) 5 Page - STMicroelectronics

  STV9380 Datasheet HTML 1Page - STMicroelectronics STV9380 Datasheet HTML 2Page - STMicroelectronics STV9380 Datasheet HTML 3Page - STMicroelectronics STV9380 Datasheet HTML 4Page - STMicroelectronics STV9380 Datasheet HTML 5Page - STMicroelectronics STV9380 Datasheet HTML 6Page - STMicroelectronics STV9380 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
STV9380
5/7
4 - ELECTRICAL CHARACTERISTICS (refer to Figure 1 on page 3)
Tamb = 25°C unless otherwise specified, Vcc = ±12V
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Units
Vcc
Supply range
±10
±16
V
Iout
Maximum recommended out-
put current
±1.25
A
Iq
Quiescent supply current
Input voltage = 0
TBD
TBD
mA
I13, I12
Amplifier Input bias current
-0.1
µA
VOS
Output Offset voltage
Input voltage = 0
-50
+50
mV
SVR
Supply voltage rejection
TBD
TBD
dB
Flythr
Flyback detection threshold
positive slope
V(14)
1.5
V
Flythf
Flyback detection threshold
negative slope
V(14)
0.5
V
η
Efficiency = Po/(Po + Pd)Po = 3 W
TBD
Fsw
Switching frequency
120
140
160
kHz
Fsw - op
Switching frequency opera-
tive range
100
200
kHz
Rfreq
Frequency controller resistor
range
710
14
k
Ω
2



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com