Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV9380 Datasheet(PDF) 4 Page - STMicroelectronics

Part # STV9380
Description  CLASS-D VERTICAL DEFLECTION AMPLIFIER FOR TV AND MONITOR APPLICATION
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV9380 Datasheet(HTML) 4 Page - STMicroelectronics

  STV9380 Datasheet HTML 1Page - STMicroelectronics STV9380 Datasheet HTML 2Page - STMicroelectronics STV9380 Datasheet HTML 3Page - STMicroelectronics STV9380 Datasheet HTML 4Page - STMicroelectronics STV9380 Datasheet HTML 5Page - STMicroelectronics STV9380 Datasheet HTML 6Page - STMicroelectronics STV9380 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
STV9380
4/7
Figure 2. Rth with “on board” Square Heatsink vs. copper area
2 - ABSOLUTE MAXIMUM RATING
3 - THERMAL DATA
Symbol
Parameter
Value
Unit
VCC
DC Supply Voltage
±18
V
Tstg, Tj
Storage and Junction Temperature
-40 to +150
°C
Top
Operating Temperature Range
0 to +70
°C
VESD
ESD Susceptibility - Human Body Model (100 pF discharge through
1.5 k
Ω)
±2
kV
Iout
Output current
±1.6
A
Symbol
Parameter
Value
Unit
Rth j-amb
Thermal resistance Junction to ambiant
80
°C/W
Rth j-pin
Thermal Resistance Junction to Pin
12
°C/W
0
4
8
12
Area(cm2)
30
40
50
60
Rthj-a
(×C/W)
D97AU675
COPPER AREA 35
∝
THICKNESS
PC BOARD
2



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com