Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV9410P Datasheet(PDF) 15 Page - STMicroelectronics

Part # STV9410P
Description  CRT AND LCD SEMI-GRAPHIC DISPLAY PROCESSOR
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV9410P Datasheet(HTML) 15 Page - STMicroelectronics

Back Button STV9410P Datasheet HTML 11Page - STMicroelectronics STV9410P Datasheet HTML 12Page - STMicroelectronics STV9410P Datasheet HTML 13Page - STMicroelectronics STV9410P Datasheet HTML 14Page - STMicroelectronics STV9410P Datasheet HTML 15Page - STMicroelectronics STV9410P Datasheet HTML 16Page - STMicroelectronics STV9410P Datasheet HTML 17Page - STMicroelectronics STV9410P Datasheet HTML 18Page - STMicroelectronics STV9410P Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 25 page
background image
H SYNC PULSE
”VERT” LSB REG
LINE NUMBER
F
N- 1
N
N+ 1
N+ 2
F0
F1
12
F2
3
F3
4
Programmed value
of F (8 : 0) is N
EVEN frame number
of lines is N + 2
DESIGNATION
TIMING DIAGRAM
COMMENTS
Horizontal
Synchro
Composite
Synchro
F
N+ 1
F
N
PULSE
VSYNC
Vertical Synchro
ODD Frame
EVEN Frame
ODD Frame
”VERT” LSB REG
LINE NUMBER
N+ 2
N+ 3
F0
F1
12
F2
3
F3
4
ODD Frame
EVEN Frame
Vertical Synchro
EVEN Frame
ZONE
CHAR NUMBER
H SYNC PULSE
LINE 3
ODD FRAME
LINE N + 3
ODD FRAME
Horizontal
Synchro
Composite
Synchro
Composite
Synchro
Characters
Position
Start
Margin
Active Area
Margin
End of line
Programmed value
of F (8 : 0) is N
ODD frame number
of lines is N + 3
N+ 1
F
N+ 1
F
N
F
N+ 2
Previous Picture
Current Picture
Current Picture
Picture number
of lines is 2N + 5
1
2
15 16 17
39 40
3 4
18
38
C SYNC PULSE
PULSE
VSYNC
C SYNC PULSE
H SYNC PULSE
Horizontal
Synchro
Figure 10 : Interlaced Mode Synchronization Pulses
STV9410
15/25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com