Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV9410P Datasheet(PDF) 16 Page - STMicroelectronics

Part # STV9410P
Description  CRT AND LCD SEMI-GRAPHIC DISPLAY PROCESSOR
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV9410P Datasheet(HTML) 16 Page - STMicroelectronics

Back Button STV9410P Datasheet HTML 12Page - STMicroelectronics STV9410P Datasheet HTML 13Page - STMicroelectronics STV9410P Datasheet HTML 14Page - STMicroelectronics STV9410P Datasheet HTML 15Page - STMicroelectronics STV9410P Datasheet HTML 16Page - STMicroelectronics STV9410P Datasheet HTML 17Page - STMicroelectronics STV9410P Datasheet HTML 18Page - STMicroelectronics STV9410P Datasheet HTML 19Page - STMicroelectronics STV9410P Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 25 page
background image
Active Area
Margin
H Pulse
Margin
H Pulse
S
F
DESIGNATION
PIXEL CLOCK
Y OUTPUT
SYNC IN
VERTICAL
PULSE
F(8 : 0)
COMMENTS
Sampling
Clock
S = 0 clear
F (8 : 0) only
Sampling on
first pixel of
active area
TIMING DIAGRAM
VERTICAL SYNCHRONIZATION
DESIGNATION
PIXEL CLOCK
COMMENTS
Sampling
Clock
TIMING DIAGRAM
HORIZONTAL SYNCHRONIZATION
L= L + 1
L= L
INTERNAL H SYNC
DURATION = L (5 : 0)
EXTERNAL H SYNC
UNLOCKED
EXTERNAL H SYNC
LOCKED
Sampling window
for H Synchro
Line Duration
Increase + 1
Good
Line Duration
x
F0
Figure 11 : Synchronization on SYNC IN External Signal
3. INTERNAL REGISTER DESCRIPTION
STV9410 is programmable with 7 registers of 16
bit each. These registers can also be programmed
in byte mode. Not significant bit must be cleared in
order to be compatible with next generation prod-
ucts.
3.1 TIME BASE REGISTERS
Registers VERT, HORI, HSYN and PORT are de-
scribed in chapter 2.3
3.2 ADDRESS REGISTER (ADDR )
Internal address : 2FF9-2FF8 h
RESET value :00-00 h
(@ = RESET default configuration)
2FF9 h
-
P12 P11 P10
P9
P8
P7
P6
@
0000
00
00
2FF8 h
-
G12 G11 G10
-
A12 A11 A10
@
0000
00
00
P(12:6) : Page first descriptor address, P(5:0)=0 @
G(12:10) : Graphic character set MSB address,
G(9:0)=0 @
A(12:10) : Alphanumeric character set MSB address,
A(9:0)=0 @
NB : as addresses are in RAM area, address bit 13
is reset to ”0”
STV9410
16/25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com