Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV9410P Datasheet(PDF) 5 Page - STMicroelectronics

Part # STV9410P
Description  CRT AND LCD SEMI-GRAPHIC DISPLAY PROCESSOR
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV9410P Datasheet(HTML) 5 Page - STMicroelectronics

  STV9410P Datasheet HTML 1Page - STMicroelectronics STV9410P Datasheet HTML 2Page - STMicroelectronics STV9410P Datasheet HTML 3Page - STMicroelectronics STV9410P Datasheet HTML 4Page - STMicroelectronics STV9410P Datasheet HTML 5Page - STMicroelectronics STV9410P Datasheet HTML 6Page - STMicroelectronics STV9410P Datasheet HTML 7Page - STMicroelectronics STV9410P Datasheet HTML 8Page - STMicroelectronics STV9410P Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
TIMINGS
(VDD =5V
±5%, VSS =0V, Ta = 0 to + 70oC, fxtal = 8 to 10MHz,
VIL = 0.8V, VIH =2V, VOL = 0.4V, VOH = 2.4V, CL = 50pF, unless otherwise specified)
Symbol
Parameter
Min
Typ
Max
Unit
SERIAL INTERFACE NCS, SCK, SDA (Figure 1)
Tcsl
NCS low to SCK falling edge
0
ns
Tsch
SCK pulse width high
80
ns
Tscl
SCK pulse width low
80
ns
fSCK
Serial Clock Frequency
4
MHz
Tsds
Set up time of SDA on SCK rising edge
20
ns
Tsdh
Hold time of SDA after SCK rising edge
20
ns
Tsdv
Access time in read mode
50
ns
Tsdx
Hold data in read mode
0
ns
Tsdz
Serial interface disable time
50
ns
Tread
Delay before Valid Data
2
µs
OSCILLATOR INPUT (XTI) (Figure 1)
Twh
Clock high level
30
ns
Twl
Clock low level
30
ns
Fclk
Clock frequency
8
10
MHz
RESET (VREF)
Tres
Reset Low level pulse
2
µs
OUTPUT SIGNALS SDA, CSYNC,VSYNC, R, G, B, I, SYNC IN, DF, XTO, CKO, POR (Figure 2)
Tph,Tpl
Propagation time
CL =30 pF
CL = 100 pF
50
100
ns
ns
Tskew
Skew between R, G, B, I signals
30
ns
(VDD =5V
±5%, VSS =0V, Ta = 0 to + 70oC, fxtal = 8 to 10MHz,
VOL = 0.2VDD,VOH = 0.8VDD,CL = 100pF, unless otherwise specified)
LCD INTERFACE D0, D1, D2, D3, CKD, LOAD, DF, FRAME (Figure 3)
tCYC
CKD Shift Clock Period
4 x Pxtal
ns
tCH
CKD Clock High
150
ns
tCL
CKD Clock Low
150
ns
tWLD
Load Pulse Width
150
ns
tSU
Data Set-up Time
150
ns
tDH
Data Hold Time
150
ns
tDF
DF Delay from Load
100
ns
tSUF
Frame Set-up before Load
150
ns
STV9410
5/25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com