Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV9410P Datasheet(PDF) 19 Page - STMicroelectronics

Part # STV9410P
Description  CRT AND LCD SEMI-GRAPHIC DISPLAY PROCESSOR
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV9410P Datasheet(HTML) 19 Page - STMicroelectronics

Back Button STV9410P Datasheet HTML 15Page - STMicroelectronics STV9410P Datasheet HTML 16Page - STMicroelectronics STV9410P Datasheet HTML 17Page - STMicroelectronics STV9410P Datasheet HTML 18Page - STMicroelectronics STV9410P Datasheet HTML 19Page - STMicroelectronics STV9410P Datasheet HTML 20Page - STMicroelectronics STV9410P Datasheet HTML 21Page - STMicroelectronics STV9410P Datasheet HTML 22Page - STMicroelectronics STV9410P Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 25 page
background image
4.2. STRIP DESCRIPTOR
Each strip is defined by 2 bytes.
During the vertical retrace, an internal descriptor
address counter is initialised with the value P(12:0)
of ADDR register; on the trailing edge of vertical
synchro, the first strip descriptor is loaded into the
display controller; if it is an uniform strip, selected
color is displayed during the corresponding number
of scan lines; if it is a character strip, left margin
followed by text, followed by right margin are dis-
played during 10 scan lines ; the next descriptor is
then read, and the same process is repeated until
the last scan line. This information being given by
the vertical timing generator.
4.2.1 Uniform Strip
0
RTP
FFB
-
I
C2
C1
C0
SL7
SL6
SL5
SL4
SL3
SL2
SL1
SL0
RTP
:
Real Time Port
RTP bit value is output on VSYNC when V/P bit
of VERT register is ”0”, along the complete
duration of the strip scan line. Not used in LCD
mode.
FFB
:
Field Flyback
0
R, G, B, I and Y outputs are defined by
corresponding bit of DISP for margin and
C(2:0) and I for active area
1 R, G, B, I and Y outputs are cleared during
Field Flyback, whatever other parameters are.
I
:
0 Fast Blanking Disable
1 Fast Blanking Enable
C(2:0)
:
G, R, B, value during the active area of the strip
(320 pixels)
SL(7:0) :
Number of scan lines of the strip, minimal
value is 1.
4.2.2. Character Strip
1
RTP
DE
ZY
C12
C11
C10
C9
C8
C7
C6
C5
C4
C3
C2
C1
RTP
:
Real Time Port
RTP bit value is output on VSYNC when V/P bit
of VERT register ”0”, along the complete
duration of the strip line, during the whole strip.
DE
:
Display Enable
0 display off, the strip is displayed with margin
attributes IMG, GMG, RMG, BMG bit of DISP
register,
1 display on, the strip works as selected.
ZY
:
Vertical Zoom
0 normal display mode
1 all scan line are doubled, providing a vertical
zoom effect
C(12:1) :
Address of the first code to display
DESCRIPTOR
1
RTP
DE
ZY
C12 C11 C10
C9
C8
C7
C6
C5
C4
C3
C2
C1
LSB
MSB
C0
92
7
0
-
-
-
-
010
0
1
0
1
1100
10
1110
010
0
1
0
1
1100
1
EB
4
9
EFFECTIVE ADDRESS
5
0
F
1
BINARY ADDRESS
-
-
-
-
1010
111
1100
0
0
10101010
111
1100
0
BINARY DESCRIP.
PROG VALUE
AF
A8
EFFECTIVE ADDRESS
BINARY ADDRESS
BINARY DESCRIP.
PROG VALUE
Figure 15 : Character Strip Descriptor - First Character Address Selection
STV9410
19/25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com