Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV9422 Datasheet(PDF) 9 Page - STMicroelectronics

Part # STV9422
Description  MULTISYNC ON-SCREEN DISPLAY FOR MONITOR
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV9422 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button STV9422 Datasheet HTML 5Page - STMicroelectronics STV9422 Datasheet HTML 6Page - STMicroelectronics STV9422 Datasheet HTML 7Page - STMicroelectronics STV9422 Datasheet HTML 8Page - STMicroelectronics STV9422 Datasheet HTML 9Page - STMicroelectronics STV9422 Datasheet HTML 10Page - STMicroelectronics STV9422 Datasheet HTML 11Page - STMicroelectronics STV9422 Datasheet HTML 12Page - STMicroelectronics STV9422 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
FUNCTIONAL DESCRIPTION (continued)
H-SYNC
0
123
n + 1
n + 2
n + 3
n + 4
LD - 1
LD
01
Character
Period
R, G, B
LD[5:0]
Fixed
DD[7:0]
= 4 (min)
= 4n + 2
Given by number
of characters of the strips
Figure 5 : Horizontal Timing
IV - Clock and Timing
The whole timing is derived from the XTALIN and the
SYNCHRO (horizontal and vertival) input frequen-
cies. The XTALIN input frequencycan be an external
clock or a crystal signal thanks to XTALIN/XTALOUT
pins. The value of this frequency can be chosen
between 8 and 15MHz, it is available on the CKOUT
pin and is used by the PLL to generate a pixel clock
locked on the horizontal synchro input signal.
IV.1 - Horizontal Timing (see Figure 5)
The number of pixel periods is given by the LINE
DURATION register and is equal to :
[LD[5:0] + 1 ] x 12.
(LD[5:0] : value of the LINE DURATION register).
This value allows to choose the horizontal size of the
characters. The horizontal left margin is given by the
HORIZONTAL DELAY register and is equal to :
[DD[7:0] + 8] x 3 x TPXCK
(DD[7:0] : value of the DISPLAY DELAY register
and TPXCK : pixel period).
This value allows to choose the horizontal position
of the characters on the screen. The value of
DD[7:0] must be equal or greater than 4 (the mini-
mum value of the horizontal delay is 36 x TPXCK =3
character periods). The length of the active area,
where R, G, B are different from 0, depends on the
number of characters of the strips.
IV.2 - D to A Timing (STV9422)
The D to A converters of the STV9422 are pulse
width modulater converter.
The frequency of the output signal is :
fXTAL
256
and the duty cycle is :
Vi[7:0]
256
per cent.
After a low pass filter, the average value of the
output is :
Vi [7:0]
256
⋅ VDD
V - Display Control
A screen is composed of successive scanlines gath-
ered in several strips. Each strip is defined by a
descriptor stored in memory. A table of descriptors
allows screen composition and different tables can
be stored in memory at the page addresses (8 pos-
sible
≠ addresses).
Two types of strips are available :
- Spacing strip : its descriptor (see II) gives the
number of black (FBK = 1 in DISPLAY CONTROL
register) or transparent (FBK = 0) lines.
- Character strip : its descriptor gives the memory
address of the character codes corresponding to
the 1st displayed character. The characters and
attributes (see code format III) are defined by a
succession of codes stored in the RAM at ad-
dresses starting from the 1st one given by the
descriptor. A character strip can be displayed or
not by using the DE bit of its descriptor. A zoom
can be made on it by using the ZY bit.
0
1
128
255
V1[7:0]
256 . t
XTAL
P WM1 Signa l
t
XTAL
Figure 6 : PWM Timing
STV9422 - STV9424
9/15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com