Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV9422 Datasheet(PDF) 12 Page - STMicroelectronics

Part # STV9422
Description  MULTISYNC ON-SCREEN DISPLAY FOR MONITOR
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV9422 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button STV9422 Datasheet HTML 7Page - STMicroelectronics STV9422 Datasheet HTML 8Page - STMicroelectronics STV9422 Datasheet HTML 9Page - STMicroelectronics STV9422 Datasheet HTML 10Page - STMicroelectronics STV9422 Datasheet HTML 11Page - STMicroelectronics STV9422 Datasheet HTML 12Page - STMicroelectronics STV9422 Datasheet HTML 13Page - STMicroelectronics STV9422 Datasheet HTML 14Page - STMicroelectronics STV9422 Datasheet HTML 15Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 12 / 15 page
background image
FUNCTIONAL DESCRIPTION (continued)
VI - User Definable Character
The STV9422/24 allows the user to dynamically
define character(s) for his own needs (for a special
LOGO for example). Like the ROM characters, a
UDC is made of a 12 pixels x 18 slices dot matrix,
but one more slice is added for the vertical shad-
owing when several UDCs are gathered to make a
special great character (see Figure 8).
In a UDC, each pixel is defined with a bit, 1 refers
to foreground, and 0 to background color. Each
slice of a UDC uses 2 bytes :
add +
1
-
-
-
-
PX11 PX10 PX9
PX8
add
(even)
PX7 PX6 PX5 PX4 PX3 PX2 PX1 PX0
PX11 is the left most pixel. Character slice address :
SLICE ADDRESS = 38 x (CHARACTER NUMBER)
+ (SLICE NUMBER).
Where :
- CHARACTER NUMBER is the number given by
the character code,
- SLICE NUMBER is the number given by the slice
interpolator (n
° of the current slice of the strip :
1 < <18)
VII - ROM Character Generator
The STV9422/24 includes a ROM character gen-
erator which is made of 128 alphanumeric or
graphic characters (see Table 1)
VIII - PLL
The PLL function of the STV9422/24 provides the
internal pixel clock locked on the horizontal synchro
signal and used by the display processor to gener-
ate the R, G, B and fast blanckingsignals. It is made
of 2 PLLs. The first one analogic (see Figure 9),
provides a high frequency signal locked on the
crystal frequency. The frequency multiplier is given
by :
N= 2
⋅ (FM[3:0] + 3)
Where FM[3:0] is the value of the FREQUENCY
MULTIPLIER register.
FILTRE
%N
FXTAL
VCO
N . FXTAL
Figure 9 : Analogic PLL
The second PLL, full digital (see Figure 10), pro-
vides a pixel frequency locked on the horizontal
synchro signal. The ratio between the frequencies
of these 2 signals is :
M = 12 x (LD[5:0] + 1)
Where LD[5:0] is the value of the LINE DURATION
register.
ALGO
%M
FH-SYNC
%D
M . FH-SYNC
err(n)
D(n)
N . FXTAL
Figure 10 : Digital PLL
VIII.1 - Programming of the PLL Registers
Frequency Multiplier (@3FF7)
This register gives the ratio between the crystal
frequency and the high frequency of the signal
used by the 2
nd PLLto provide, by division, the pixel
clock. The value of this high frequency must be
near to 200MHz (for example if the crystal is a
8MHz, the value of FM must be equal to 10) and
greater than 6 x (pixel frequency).
Initial Pixel Period (@3FF6)
This register allows to increase the speed of the
convergence of the PLL when the horizontal fre-
quency changes (new graphic standart). The rela-
tionship between FM[3:0], PP[7:0], LD[5:0], FHSYNC
and FXTAL is :
PP[7:0]
= round
8
⋅
2
⋅ (FM[3:0] + 3) ⋅ FXTAL
12
⋅ (LD[5:0] + 1) ⋅ FHSYNC
± 24
Locking Condition Time Constant (@ 3FF4)
This register gives the constants AS[2:0] and
BS[2:0] used by the algo part of the PLL (see Figure
10) to calculate, from the phase error, err(n), the
new value, D(n), of the division of the high fre-
quency signal to provide the pixel clock. These two
constants are used only in locking condition, which
is true, if the phase error is less than a fixed value
during at least, 4 scan lines. If the phase error
becomes greater than the fixed value, the PLL is
not in locking condition but in capture process. In
this case, the algo part of the PLL used the other
constants, AF[2:0] and BF[2:0], given by the next
register.
Capture Process Time Constant (@ 3FF5)
The choice between these two time constants
(locking condition or capture process) allows to
decrease the capture process time by changing the
time response of the PLL.
STV9422 - STV9424
12/15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com