Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV9422 Datasheet(PDF) 13 Page - STMicroelectronics

Part # STV9422
Description  MULTISYNC ON-SCREEN DISPLAY FOR MONITOR
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV9422 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button STV9422 Datasheet HTML 7Page - STMicroelectronics STV9422 Datasheet HTML 8Page - STMicroelectronics STV9422 Datasheet HTML 9Page - STMicroelectronics STV9422 Datasheet HTML 10Page - STMicroelectronics STV9422 Datasheet HTML 11Page - STMicroelectronics STV9422 Datasheet HTML 12Page - STMicroelectronics STV9422 Datasheet HTML 13Page - STMicroelectronics STV9422 Datasheet HTML 14Page - STMicroelectronics STV9422 Datasheet HTML 15Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
FUNCTIONAL DESCRIPTION (continued)
VIII.2 - How to choose the value of the time
constant ?
The time response of the PLL is given by its char-
acteristic equation which is :
(x ± 1)2 +(α + β) ⋅ (x ± 1)+β = 0.
Where :
α= 3 ⋅ LD[5:0] ⋅ 2A ± 11 and β= 3 ⋅ LD[5:0] ⋅ 2B ± 19.
(LD[5:0] = value of the LINE DURATION register,
A = value of the 1st time constant, AF or AS and
B = value of the 2
d time constant, BF or BS).
As you can see, the solution depend only on the
LINE DURATION and the TIME CONSTANTS
given by the I
2C registers.
If
(α + β)2 ± 4β ≥ 0 and 2α± β < 4, the PLL is sta-
ble
and its response is like this presented on
Figure 11.
t
PLL
Frequency
f0
f1
t
Input
Frequency
f
0
f1
Figure 11 : Time Response of the PLL/Charac-
teristic Equation Solutions (with
Real Solutions)
If
(α + β)2 ± 4β ≤ 0, the response of the PLL is like
this presented on Figure 12.
In this case the PLL is stable if
τ > 0.7 damping
coefficient).
t
PLL
Frequency
f0
f1
t
Input
Frequency
f0
f1
Figure 12 : Time Response of the PLL/Charac-
teristic Equation Solutions (with
Complex Solutions)
The Table 2 gives some good values for A and B
constants for different values of the LINE DURA-
TION.
Summary
For a good working of the PLL :
- A and B time constants must be chosen among
values for which the PLL is stable,
- B must be equal or greater than A and the differ-
ence between them must be less than 3,
- The greater (A, B) are, the faster the capture is.
An optimal choice for the most of applications might
be :
- For locking condition : AS = 0 and BS = 1,
- For capture process : AS = 2 and BS = 4.
But for each application the time constants can be
calculated by solving the characteristic equation
and choosing the best response.
Table 2 : Valid Time Constants Examples
B \ A
0
1
234
5
6
0
YYYY
YYYY
YYYY
YYYN
YNNN
NNNN
NNNN
1
YYYY
YYYY
YYYY
YYYN
YNNN
NNNN
NNNN
2
NYYY
YYYY
YYYY
YYYN
YNNN
NNNN
NNNN
3
NNNY
YYYY
YYYY
YYYN
YNNN
NNNN
NNNN
4
NNNN
NYYY
(1)
YYYY
YYYN
YNNN
NNNN
NNNN
5
NNNN
NNNY
YYYY
YYYN
YNNN
NNNN
NNNN
6
NNNN
NNNN
NYYY
YYYN
YNNN
NNNN
NNNN
7
NNNN
NNNN
NNNY
YYYN
YNNN
NNNN
NNNN
Note : 1. Case of A[2:0] = 1 (001) and B[2:0] = 4 (100) :
LD
16
32
48
63
Valid Time Constants
NY
Y
Y
Value of LINE DURATION Register (@ 3FF0) :
LD = 16 : LD[5:0] = 010000
LD = 32 : LD[5:0] = 100000
LD = 48 : LD[5:0] = 110000
LD = 63 : LD[5:0] = 111111
Table meaning :
N = No possible capture
Y = PLL can lock
STV9422 - STV9424
13/15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com