Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV9422 Datasheet(PDF) 4 Page - STMicroelectronics

Part # STV9422
Description  MULTISYNC ON-SCREEN DISPLAY FOR MONITOR
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV9422 Datasheet(HTML) 4 Page - STMicroelectronics

  STV9422 Datasheet HTML 1Page - STMicroelectronics STV9422 Datasheet HTML 2Page - STMicroelectronics STV9422 Datasheet HTML 3Page - STMicroelectronics STV9422 Datasheet HTML 4Page - STMicroelectronics STV9422 Datasheet HTML 5Page - STMicroelectronics STV9422 Datasheet HTML 6Page - STMicroelectronics STV9422 Datasheet HTML 7Page - STMicroelectronics STV9422 Datasheet HTML 8Page - STMicroelectronics STV9422 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
VDD
Supply Voltage
-0.3, +7.0
V
VIN
Input Voltage
-0.3, +7.0
V
Toper
Operating Ambient Temperature
0, +70
°C
Tstg
Storage Temperature
-40, +125
°C
ELECTRICAL CHARACTERISTICS
(VDD =5V, VSS =0V, TA = 0 to 70
°C, FXTAL = 8 to 15MHz, TEST = 0 V, unless otherwise specified)
Symbol
Parameter
Min.
Typ.
Max.
Unit
SUPPLY
VDD
Supply Voltage
4.75
5
5.25
V
IDD
Supply Current
-
-
50
mA
INPUTS
SCL, SDA, TEST, RESET, V-SYNC and H-SYNC
VIL
Input Low Voltage
0.8
V
VIH
Input High Voltage
0.8VDD
V
IIL
Input Leakage Current
-20
+20
µA
OUTPUTS
R, G, B, FBLK, SDA, CKOUT, PXCK and PWMi (i = 0 to 7)
VOL
Output Low Voltage (IOL = 1.6mA)
0
0.4
V
VOH
Output High Voltage (IOL = -0.1mA)
0.8VDD
VDD
V
For R, G, B and FBLK outputs, see Figure 1.
5
2.5
0
10
-5
10
-4
10
-3
10
-2
10
-1
I (A)
(V)
,
VOL
OH
V
VOL
OH
V
Figure 1 : Typical R, G, B Outputs Characteristics
STV9422 - STV9424
4/15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com