Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV9432 Datasheet(PDF) 7 Page - STMicroelectronics

Part # STV9432
Description  100MHz OSD FOR MONITOR
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV9432 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STV9432 Datasheet HTML 3Page - STMicroelectronics STV9432 Datasheet HTML 4Page - STMicroelectronics STV9432 Datasheet HTML 5Page - STMicroelectronics STV9432 Datasheet HTML 6Page - STMicroelectronics STV9432 Datasheet HTML 7Page - STMicroelectronics STV9432 Datasheet HTML 8Page - STMicroelectronics STV9432 Datasheet HTML 9Page - STMicroelectronics STV9432 Datasheet HTML 10Page - STMicroelectronics STV9432 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
STV9432
7/18
6.3 - ADDRESSING SPACE
6.3.1 - General Mapping
STV9432 registers, RAM and ROM are mapped in a 32K address space.
The mapping is:
Important Notice:
All 16 bits datas are mapped LSB byte at lower address and MSB byte at higher address.
– Example: H1 12 bits register: @4000: 8 LSB bits - @4001: 4 MSB bits.
– Descriptors must also be written to RAM LSB byte first.
6.3.2 - I2C Registers Mapping
0000
03FF
1024 bytes RAM
Descriptors and character codes
0400
07FF
Empty Space
0800
3FFF
Character Generator ROM
4000
403F
Internal Registers
4040
7FFF
Empty Space
4000
H1 LSB
4022
Color 2
4001
H1 MSB
4023
Color 3
4002
H2 LSB
4024
Color 4
4003
H2 MSB
4025
Color 5
4004
H3 LSB
4026
Color 6
4005
H3 MSB
4027
Color 7
4006
H4 LSB
4028
Color 8
4007
H4 MSB
4029
Color 9
4008
H5 LSB
402A
Color 10
4009
H5 MSB
402B
Color 11
400A
H6 LSB
402C
Color 12
400B
H6 MSB
402D
Color 13
400C
V1 LSB
402E
Color 14
400D
V1 MSB
402F
Color 15
400E
V2 LSB
4030
Line Duration
400F
V2 MSB
4031
Top Margin
4010
V3 LSB
4032
Horizontal Delay
4011
V3 MSB
4033
Character Height
4012
4034
Display Control
4013
4035
Locking Time Constant
4014
4036
Capture Time Constant
4015
SBN
4037
Initial Pixel Period
4016
TIMG
4038-403E
Reserved
4017-401F
Reserved
403F
RST
4020
Color 0
4040-7FFF
Reserved
4021
Color 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com