Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV9432 Datasheet(PDF) 14 Page - STMicroelectronics

Part # STV9432
Description  100MHz OSD FOR MONITOR
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV9432 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button STV9432 Datasheet HTML 10Page - STMicroelectronics STV9432 Datasheet HTML 11Page - STMicroelectronics STV9432 Datasheet HTML 12Page - STMicroelectronics STV9432 Datasheet HTML 13Page - STMicroelectronics STV9432 Datasheet HTML 14Page - STMicroelectronics STV9432 Datasheet HTML 15Page - STMicroelectronics STV9432 Datasheet HTML 16Page - STMicroelectronics STV9432 Datasheet HTML 17Page - STMicroelectronics STV9432 Datasheet HTML 18Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 14 / 18 page
background image
STV9432
14/18
Capture Process Time Constant (reset value: 24H)
Initial Pixel Period (reset value: 06H)
8.4 - OSD TIMINGS
The number of pixel periods is given by the LINE
DURATION register and is equal to:
[LD[6:1] x 2 + 1 ] x 12.
(LD[6:1]: value of the LINE DURATION register).
This value is used to define the horizontal size of
the characters.
The horizontal left margin is given by the HORI-
ZONTAL DELAY register and is equal to:
(DD[7:0] -6) x 6 + 54
(DD[7:0]: value of the DISPLAY DELAY register).
This value is used to define the horizontal position
of the characters on the screen. Due to internal
logic, minimum horizontal delay is fixed at 4.5
characters (54 pixel) when DD is even and inferior
or equal to 6, and it is fixed at 5 characters (60
pixel) when DD is odd and inferior or equal to 7.
8.5 - PLL
The PLL function of the STV9432 provides the
internal pixel clock locked on the horizontal syn-
chro signal and used by the display processor to
generate the R, G, B and fast blanking signals. It
is made of 2 PLLs. The first PLL which is analog
(see Figure 6) provides a high frequency that is 40
times the internal oscillator frequency, or 320MHz.
This high frequency clock is used by the Display
controller.
The 320MHz frequency is then divided by three.
The resulting 106.7MHz clock is used by the
Video timings analysis block.
The second PLL, fully digital (see Figure 7), pro-
vides a pixel frequency locked on the horizontal
synchro signal. The ratio between the frequencies
of these 2 signals is:
M = 12 x (LD[6:1] x 2 + 1) where LD[6:1] is the
value of the LINE DURATION register.
Figure 6. Analog PLL
Figure 7. Digital PLL
8.5.1 - Programming of the PLL Registers
Initial Pixel Period (@4037)
This register allows to increase the speed of the
PLL convergence when the horizontal frequency
changes (new graphic standard).
The relationship between PP[7:0], LD[6:1], fHSYNC
and fOSC is:
4036
LEN
AF2
AF1
AF0
-
BF2
BF1
BF0
LEN
:
Lock enable
0 = R,G,B, FBLK are always enabled,
1 = R,G,B,, FBLK are enabled only when PLL is locked.
AF[2:0]
:
Phase constant during the capture process.
BF[2:0]
:
Frequency constant during the capture process.
4037
PP7
PP6
PP5
PP4
PP3
PP2
PP1
PP0
PP[7:0]
:
Value to initialize the pixel period of the PLL.
VCO
40
FILTER
N • f
OSC
f
OSC
%D
%M
ALGO
M • f
H-SYNC
f
H-SYNC
err(n)
D(n)
40 • f
OSC
40 .
fOSC
6. (2 . LD + 1) . fHSYNC
PP[7:] = round
(
)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com