Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV9432 Datasheet(PDF) 5 Page - STMicroelectronics

Part # STV9432
Description  100MHz OSD FOR MONITOR
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV9432 Datasheet(HTML) 5 Page - STMicroelectronics

  STV9432 Datasheet HTML 1Page - STMicroelectronics STV9432 Datasheet HTML 2Page - STMicroelectronics STV9432 Datasheet HTML 3Page - STMicroelectronics STV9432 Datasheet HTML 4Page - STMicroelectronics STV9432 Datasheet HTML 5Page - STMicroelectronics STV9432 Datasheet HTML 6Page - STMicroelectronics STV9432 Datasheet HTML 7Page - STMicroelectronics STV9432 Datasheet HTML 8Page - STMicroelectronics STV9432 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
STV9432
5/18
5 - TIMINGS
Note : These parameters are not tested on each unit. They are measured during our internal qualification procedure which
includes characterization on batches comming from corners of our processes and also temperature characteriza-
tion
Figure 1.
Symbol
Parameter
Min.
Typ.
Max.
Unit
OSCILLATOR
fOSC
Clock Frequency
8
MHz
fPXL
Pixel Frequency
100
MHz
R, G, B, FBLK (CLOAD = 30pF)
tR
Rise Time (see Note 1)
5
ns
tF
Fall Time (see Note 1)
5
ns
tSKEW
Skew between R, G, B, FBLK
5
ns
I2C INTERFACE: SDA AND SCL (see Figure 1)
fSCL
SCL Clock Frequency
0
400
kHz
tBUF
Time the bus must be free between 2 access
500
ns
tHDS
Hold Time for Start Condition
500
ns
tSUP
Set up Time for Stop Condition
500
ns
tLOW
The Low Period of Clock
400
ns
tHIGH
The High Period of Clock
400
ns
tHDAT
Hold Time Data
0
ns
tSUDAT
Set up Time Data
500
ns
tF
Fall Time of SDA
20
ns
tR
Rise Time of both SCL and SDA
Depend on the pull-up resistor and the load
capacitance
SDA
SCL
STOP
START
DATA
t
BUF
t
HDAT
t
HDS
t
SUP
t
HIGH
t
LOW
STOP
t
SUDAT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com