Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV9432 Datasheet(PDF) 12 Page - STMicroelectronics

Part # STV9432
Description  100MHz OSD FOR MONITOR
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV9432 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button STV9432 Datasheet HTML 8Page - STMicroelectronics STV9432 Datasheet HTML 9Page - STMicroelectronics STV9432 Datasheet HTML 10Page - STMicroelectronics STV9432 Datasheet HTML 11Page - STMicroelectronics STV9432 Datasheet HTML 12Page - STMicroelectronics STV9432 Datasheet HTML 13Page - STMicroelectronics STV9432 Datasheet HTML 14Page - STMicroelectronics STV9432 Datasheet HTML 15Page - STMicroelectronics STV9432 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 18 page
background image
STV9432
12/18
Table 2
CLUT Block Selection
8.3 - OSD CONTROL REGISTERS
Line Duration (reset value: 20H)
Top Margin (reset value: 30H)
CLU3
CLU[2:0]
Code Name
Command
Code (hex)
Ram @(hex)
Reset Value
(hex)
0
Col 0
00
@4020
07
1
Col 1
01
@4021
16
0
2
Col 2
02
@4022
25
3
Col 3
03
@4023
34
4
Col 4
04
@4024
43
5
Col 5
05
@4025
52
6
Col 6
06
@4026
61
7
Col 7
07
@4027
70
0
Col 0
00
@4028
70
1
Col 1
01
@4029
61
2
Col 2
02
@402A
52
1
3
Col 3
03
@402B
43
4
Col 4
04
@402C
34
5
Col 5
05
@402D
25
6
Col 6
06
@402E
16
7
Col 7
07
@402F
07
4030
VSP
HSP
LD6
LD5
LD4
LD3
LD2
LD1
VSP
:
V-SYNC active edge selection
= 0, falling egde,
= 1, rising edge.
HSP
:
HFLY active edge selection
= 0, rising egde,
= 1, falling edge.
LD[6:1]
:
LINE DURATION
LD0 = 0
LD1 = 2 periods of character
One character period is 12 pixels long.
4031
M9
M8
M7
M6
M5
M4
M3
M2
M[9:2]
:
TOP MARGIN height from the VSYNC reference edge.
M0 = 0, M1 = 0
M2 = 4 scan lines
Note
:
The top margin is displayed before the first strip of descriptor list. It can be black if FBK of DISPLAY
CONTROL register is set or transparent if FBK is clear.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com