Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M35060 Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # M35060
Description  SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M35060 Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button M35060 Datasheet HTML 3Page - Renesas Technology Corp M35060 Datasheet HTML 4Page - Renesas Technology Corp M35060 Datasheet HTML 5Page - Renesas Technology Corp M35060 Datasheet HTML 6Page - Renesas Technology Corp M35060 Datasheet HTML 7Page - Renesas Technology Corp M35060 Datasheet HTML 8Page - Renesas Technology Corp M35060 Datasheet HTML 9Page - Renesas Technology Corp M35060 Datasheet HTML 10Page - Renesas Technology Corp M35060 Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 42 page
background image
6
SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS
M35060-XXXSP
MITSUBISHI MICROCOMPUTERS
REGISTERS DESCRIPTION
8
n=0
(1) Address 2A816
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
Status
DA
0
1
2
3
4
5
6
7
8
9
A
B
C
D
E
F
10
11
12
13
14
15
16
17
Register
VP0
VP1
VP2
VP3
VP4
VP5
VP6
VP7
HP0
HP1
HP2
HP3
HP4
HP5
HP6
HP7
HP8
TEST10
TEST11
TEST0
TEST1
TEST2
TEST3
—
Contents
Function
VS = H ✕ (
Σ 2n VPn )
If VS is the vertical display start location,
If HS is the horizontal display start location,
HS = T ✕ (
Σ 2n HPn + 9 )
H: Cycle with the horizontal synchronizing pulse
T: Cycle with the display clock
Test mode (Must be cleared to 0.)
Must be cleared to 0.
Remarks
The vertical start location is
specified using the 8 bits from
VP7 to VP0.
VP7 to VP0 < 1416 are not
available.
The horizontal start location is
specified using the 9 bits from
HP8 to HP0.
HP8 to HP0 < 1916 are not
available.
7
n=0
VS
HS
HOR
1 bit weights 1 clock.
Character
displaying area
TV screen
Note: The mark
__
around the status value means the reset status by the “L” level is input to AC pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com