Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M35060 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # M35060
Description  SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M35060 Datasheet(HTML) 2 Page - Renesas Technology Corp

  M35060 Datasheet HTML 1Page - Renesas Technology Corp M35060 Datasheet HTML 2Page - Renesas Technology Corp M35060 Datasheet HTML 3Page - Renesas Technology Corp M35060 Datasheet HTML 4Page - Renesas Technology Corp M35060 Datasheet HTML 5Page - Renesas Technology Corp M35060 Datasheet HTML 6Page - Renesas Technology Corp M35060 Datasheet HTML 7Page - Renesas Technology Corp M35060 Datasheet HTML 8Page - Renesas Technology Corp M35060 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 42 page
background image
PIN CONFIGURATION (TOP VIEW)
Outline 32P4B
SCK
TESTA
P5
P4
P3
P2
P1
P0
TESTB
OSCIN
OSCOUT
LP2
VDD2
LP1
VREF
CS
AD0
AD1
AD2
AD3
AD4
AD5
AD6
AD7
VDD1
VSS
CVIDEO
LECHA
LEBK
CVIN
HOR
AC
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
32
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
Rev.1.3
DESCRIPTION
M35060-XXXSP is CATV screen display control IC which can dis-
play 40 (horizontal) ✕ 16 (vertical). It has built-in SYRAM which can
be used with character ROM.
It uses a silicon gate CMOS process and it housed in a small 32-pin
shrink DIP package. For M35060-001SP and M35060-002SP that
are standard ROM version of M35060-XXXSP, the character pat-
terns are also mentioned.
FEATURES
• Screen composition ................................ 40 characters ✕ 17 lines
(at scrolling ........................................... 40 characters ✕ 16 lines)
• Number of characters displayed .................................. 680 (Max.)
• Character composition ..................................... 12 ✕ 13 dot matrix
• Characters available
character ROM .................. 256 characters
SYRAM ............................... 63 characters
• Character sizes available
horizontal ................... 2 (once, twice)
vertical ....................... 2 (once, twice)
setting by every line
• Display locations available
Horizontal direction ............................................... 480 locations
Vertical direction .................................................... 235 locations
• Blinking .................................................................. character units
Cycle ... approximately 1 second, or approximately 0.5 seconds
Duty ................................................................ 25%, 50% or 75%
• Data input ............................................................ 8-bit parallel ✕ 3
• Coloring
Character coloring ....... 8 colors choices per character
Background coloring .... 8 colors choices per character
Raster coloring ................ 8 colors choices per screen
• Blanking
Character size blanking
Border size blanking
Matrix-outline
Halftone blanking
Can be set by every line
• General-purpose output ports
Combined port output ............. 6
(switching to RGB output)
• RAM erase .............................. Display RAM erasing by every line
SYRAM erasing separately
• Scrolling ............ Bit by bit smooth scroll implemented by software
• Composite synchronizating signal generation .................... Built-in
(PAL, NTSC, M-PAL)
• Display oscillation circuit ..................................................... Built-in
• Synchronous separation circuit .......................................... Built-in
• Synchronous correction circuit ........................................... Built-in
Note: Superimpose black and white display. (NTSC, PAL, M-PAL)
SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS
M35060-XXXSP
MITSUBISHI MICROCOMPUTERS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com