Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M35060 Datasheet(PDF) 30 Page - Renesas Technology Corp

Part # M35060
Description  SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M35060 Datasheet(HTML) 30 Page - Renesas Technology Corp

Back Button M35060 Datasheet HTML 26Page - Renesas Technology Corp M35060 Datasheet HTML 27Page - Renesas Technology Corp M35060 Datasheet HTML 28Page - Renesas Technology Corp M35060 Datasheet HTML 29Page - Renesas Technology Corp M35060 Datasheet HTML 30Page - Renesas Technology Corp M35060 Datasheet HTML 31Page - Renesas Technology Corp M35060 Datasheet HTML 32Page - Renesas Technology Corp M35060 Datasheet HTML 33Page - Renesas Technology Corp M35060 Datasheet HTML 34Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 42 page
background image
29
SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS
M35060-XXXSP
MITSUBISHI MICROCOMPUTERS
Symbol
VDD
VI
VO
Pd
Topr
Tstg
Parameter
Supply voltage
Input voltage
Output voltage
Power dissipation
Operating temperature
Storage temperature
Symbol
VDD
VIH
VIL
VCVIN
fOSCIN
Supply voltage
“H” level input voltage AC, CS, SCK, AD0 to AD7
“L” level input voltage AC, CS, SCK, AD0 to AD7
Composite video input supply voltage CVIN
Oscillation frequency for synchronous signal
Parameter
ABSOLUTE MAXIMUM RATINGS (VDD = 5.00V, Ta = – 20
°C to +70°C unless otherwise noted)
Unit
V
V
V
mW
°C
°C
Unit
V
V
V
V
MHz
Min.
4.75
0.8 ✕ VDD
0
—
—
Typ.
5.00
VDD
0
2Vp-p
3.580
4.434
3.576
Max.
5.25
VDD
0.2 ✕ VDD
—
—
Limits
Conditions
With respect to VSS.
Ta = 25
°C
Ratings
– 0.3 to 6.0
VSS – 0.3 < VI < VDD +0.3
VSS < VO < VDD
300
– 20 to 70
– 40 to 125
RECOMMENDED OPERATIONAL CONDITIONS (VDD = 5.00V, Ta = – 20
°C to +70°C unless otherwise noted)
ELECTRICAL CHARACTERISTICS (VDD = 5.00V, Ta = +25
°C unless otherwise noted)
Symbol
VDD
IDD
VOH
VOL
RI
Supply voltage
Supply current
“H” level output voltage P0 to P5
“L” level output voltage P0 to P5
Pull-up resistance AC
Parameter
Unit
V
mV
V
V
k
Ω
Ta = – 20
°C to +70°C
VDD = 5.00V
VDD = 4.75, IOH = – 0.2mA
VDD = 4.75, IOL = 0.2mA
VDD = 5.00V
Test conditions
Min.
4.75
—
3.75
—
10
Typ.
5.00
30
—
—
30
Max.
5.25
60
—
0.4
100
Limits
VIDEO SIGNAL INPUT CONDITIONS (VDD = 5V, Ta = – 20
°C to +70°C)
Symbol
VIN-CU
Composite video signal input clamp supply
voltage
Parameter
Unit
Sync-chip supply voltage
Test conditions
Min.
—
Typ.
1.5
Max.
—
Limits
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com