Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M35060 Datasheet(PDF) 17 Page - Renesas Technology Corp

Part # M35060
Description  SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M35060 Datasheet(HTML) 17 Page - Renesas Technology Corp

Back Button M35060 Datasheet HTML 13Page - Renesas Technology Corp M35060 Datasheet HTML 14Page - Renesas Technology Corp M35060 Datasheet HTML 15Page - Renesas Technology Corp M35060 Datasheet HTML 16Page - Renesas Technology Corp M35060 Datasheet HTML 17Page - Renesas Technology Corp M35060 Datasheet HTML 18Page - Renesas Technology Corp M35060 Datasheet HTML 19Page - Renesas Technology Corp M35060 Datasheet HTML 20Page - Renesas Technology Corp M35060 Datasheet HTML 21Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 42 page
background image
16
SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS
M35060-XXXSP
MITSUBISHI MICROCOMPUTERS
Sync
Pedestal
Color Burst
Black
Red-2
Green-2
Yellow
Gray
Yellow-2
Cyan
White
Color name
NTSC
—
—
0
—
7 /16
± 2 /16
27 /16
± 2 /16
/16
± 2 /16
—
/16
± 2 /16
23 /16
± 2 /16
—
PAL
—
—
±4 /16
—
± 7 /16 ± 2 /16
5 /16
± 2 /16
± /16 ± 2 /16
—
± /16 ± 2 /16
9 /16
± 2 /16
—
Phase (rad)
Luminance level (V)
Chroma amplitude (vs. color burst)
Min.
1.3
1.9
1.9
2.1
2.6
3.1
3.1
2.8
3.2
2.9
3.1
Typ.
1.5
2.1
2.1
2.3
2.8
3.3
3.3
3.0
3.4
3.1
3.3
Max.
1.7
2.3
2.3
2.5
3.0
3.5
3.5
3.2
3.6
3.3
3.5
Min.
—
—
—
—
1.5
0.5
1.0
—
0.4
1.5
—
Typ.
—
—
1.0
—
2.0
1.0
2.0
—
0.8
3.0
—
Max.
—
—
—
—
3.0
1.5
3.0
—
1.2
4.5
—
Table 8 Video signal level (SELCOR = 1)
Table 9 Display forms
Character
Border
Matrix-outline
Halftone
Display mode
BLNK output
Character size
Border size
All blanking
Blanking OFF
DSP1 XX
(Address 2AC16)
0
0
1
1
DSP0 XX
(Address 2AB16)
0
1
0
1
DISPLAY FORMS
1. Blanking mode
Display forms are shown in Table 9, display forms at each display
mode are shown in Fig. 3.
Fig. 3 Display forms at each display mode
Scanning
(1)Character size
BLNK
R,G,B
YM
CVIDEO
(Internal sync)
12 dots
a: External display
signal
b: Background color
c: Character color
aa
(External sync)
c
b
c
b
13
dots
L
(2)Border size
12 dots
aa
c
b
c
b
(4)Halftone size
14 dots
c
b
c
b
bb
(3)Matrix-outline size
14 dots
c
b
c
b
bb
L
aa



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com