Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M35062 Datasheet(PDF) 35 Page - Renesas Technology Corp

Part # M35062
Description  SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M35062 Datasheet(HTML) 35 Page - Renesas Technology Corp

Back Button M35062 Datasheet HTML 31Page - Renesas Technology Corp M35062 Datasheet HTML 32Page - Renesas Technology Corp M35062 Datasheet HTML 33Page - Renesas Technology Corp M35062 Datasheet HTML 34Page - Renesas Technology Corp M35062 Datasheet HTML 35Page - Renesas Technology Corp M35062 Datasheet HTML 36Page - Renesas Technology Corp M35062 Datasheet HTML 37Page - Renesas Technology Corp M35062 Datasheet HTML 38Page - Renesas Technology Corp M35062 Datasheet HTML 39Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 41 page
background image
34
MITSUBISHI MICROCOMPUTERS
M35062-XXXSP
SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS
NOTE FOR SUPPLYING POWER
__
(1) Timing of power supplying to AC pin
The internal circuit of M35062-XXXSP is reset when the level of
__
the auto clear input pin AC is “L”.
This pin is hysteresis input with the pull-up resistor. The timing
__
about power supplying of AC pin is shown in Figure 18.
After supplying the power (VDD and VSS) to M35062-XXXSP, the
tW time must be reserved for 1 ms or more.
Before starting input from the microcomputer, the waiting time (tS)
__
must be reserved for 200 ms after the supply voltage to the AC
pin becomes 0.8
× VDD or more.
(2) Timing of power supplying to VDD1 pin and VDD2 pin
The power need to supply to VDD1 and VDD2 at a time, though it
is separated perfectly between the VDD1 as the digital line and
the VDD2 as the analog line.
__
Fig. 18 Timing of power supplying to AC pin
PRECAUTION FOR USE
Notes on noise and latch-up
In order to avoid noise and latch-up, connect a bypass capacitor (
0.1 ˚F) directly between the VDD1 pin and VSS pin, and the VDD2 pin
and VSS pin using a heavy wire.
DATA REQUIRED FOR MASK ROM ORDERING
Please send the following data for mask orders.
(1) M35062-XXXSP mask ROM order confirmation form
(2) 32P4B mask specification form
(3) ROM data (EPROM 3 sets)
(4) Floppy disks containing the character font generating program
+character data
Supply voltage
VDD
0.8 ! VDD
0.2 ! VDD
tw
Voltage [V]
Time t [s]
VAC
(AC pin input voltage)
200ms
Data input is not available



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com