Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M35062 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # M35062
Description  SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M35062 Datasheet(HTML) 2 Page - Renesas Technology Corp

  M35062 Datasheet HTML 1Page - Renesas Technology Corp M35062 Datasheet HTML 2Page - Renesas Technology Corp M35062 Datasheet HTML 3Page - Renesas Technology Corp M35062 Datasheet HTML 4Page - Renesas Technology Corp M35062 Datasheet HTML 5Page - Renesas Technology Corp M35062 Datasheet HTML 6Page - Renesas Technology Corp M35062 Datasheet HTML 7Page - Renesas Technology Corp M35062 Datasheet HTML 8Page - Renesas Technology Corp M35062 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 41 page
background image
MITSUBISHI MICROCOMPUTERS
M35062-XXXSP
SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS
PIN CONFIGURATION (TOP VIEW)
DESCRIPTION
M35062-XXXSP is CATV screen display control IC which can display
40 (horizontal)
× 17 (vertical). It has built-in SYRAM which can be
used with character ROM.
It uses a silicon gate CMOS process and M35062-XXXSP housed in
a small 32-pin shrink DIP package. For M35062-001SP that is a stan-
dard ROM version of M35062-XXXSP, the character pattern is also
mentioned.
FEATURES
Screen composition ................................. 40 characters × 17 lines
(at scrolling ............................................. 40 characters
× 16 lines)
Number of characters displayed................................... 680 (Max.)
Character composition ..................................... 12 × 13 dot matrix
Characters available character ROM ................ 128 characters
SYRAM ................................ 7 characters
Character sizes available horizontal..................... 2 (once, twice)
vertical ......................... 2 (once, twice)
setting by every line
Display locations available
Horizontal direction ................................................ 486 locations
Vertical direction .................................................... 235 locations
Blinking ...................................................................character units
Cycle .... approximately 1 second, or approximately 0.5 seconds
(per screen)
Duty ................................................................ 25%, 50% or 75%
(per screen)
Data input .............................................................8-bit parallel × 3
Coloring Character coloring .......... 8 colors choices per character
(Note)
Background coloring ...... 8 colors choices per character
(Note)
Raster coloring .................. 8 colors choices per screen
Blanking
Character size blanking
Border size blanking
Matrix-outline
Halftone blanking
Can be set by every line
General-purpose output ports
Combined port output ............ 6
(switching to RGB output)
RAM erase ............................. Display RAM erasing by every line
SYRAM erasing separately
Scrolling............ Bit by bit smooth scroll implemented by software
Composite synchronizating signal generation .................... Built-in
(PAL, NTSC, M-PAL)
Display oscillation circuit .................................................... Built-in
Synchronous separation circuit .......................................... Built-in
Synchronous correction circuit ........................................... Built-in
Note: Superimpose coloring is available. (NTSC, PAL, M-PAL)
SCK
TESTA
P5
P4
P3
P2
P1
P0
PHIN
OSCIN
OSCOUT
LP2
VDD2
LP1
VREF
CS
AD0
AD1
AD2
AD3
AD4
AD5
AD6
AD7
VDD1
VSS
CVIDEO
LECHA
LEBK
CVIN
HOR
AC
Outline
32P4B
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
32
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
REV.1.2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com