Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M35062 Datasheet(PDF) 27 Page - Renesas Technology Corp

Part # M35062
Description  SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M35062 Datasheet(HTML) 27 Page - Renesas Technology Corp

Back Button M35062 Datasheet HTML 23Page - Renesas Technology Corp M35062 Datasheet HTML 24Page - Renesas Technology Corp M35062 Datasheet HTML 25Page - Renesas Technology Corp M35062 Datasheet HTML 26Page - Renesas Technology Corp M35062 Datasheet HTML 27Page - Renesas Technology Corp M35062 Datasheet HTML 28Page - Renesas Technology Corp M35062 Datasheet HTML 29Page - Renesas Technology Corp M35062 Datasheet HTML 30Page - Renesas Technology Corp M35062 Datasheet HTML 31Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 41 page
background image
26
MITSUBISHI MICROCOMPUTERS
M35062-XXXSP
SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS
Fig. 12 Address construction
When entering data, note that although addresses are incremented every data entry (8 bits
× 3), if an address value falls in the unused
address area, it is automatically converted to the address value indicated by the arrow. When entering SYRAM data, for example, you
can set this data simply by setting address 30016 first and then entering data 30016 to 30C16 (SYRAM code 0016) and next data 31016 to
31C16 (SYRAM code 0116). The same applies for SYRAM code 0216 to 0616.However, set CS to H after setting SYRAM code 0616 (36016
to 36C16).
ƒ
Jump to address 320 16
automatically
00016
2A716
2A816
display RAM
2B016
register
unused address area
SYRAM code 00 16
30D16
unused address area
2B116
2FF16
30016
SYRAM code 01 16
31D16
unused address area
SYRAM code 06 16
36D16
FFF16
Address setting and data input disable area
Jump to address 000 16
automatically
Jump to address 310 16
automatically
ƒ
Jump to address 360 16
31016
32016
36016
unused address area
35D16
Following FFF 16 is disabled
Address
automatically



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com