| Electronic Components Datasheet Search |
|
M35062 Datasheet(PDF) 21 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
M35062 Datasheet(HTML) 21 Page - Renesas Technology Corp |
|
21 / 41 page ![]() 20 MITSUBISHI MICROCOMPUTERS M35062-XXXSP SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS 5. Scroll display mode The scroll display mode is entered by setting registers SBIT0 to 3 (SA), SLIN0 to 4 (SB), SST0 to 4 (SC), and SEND0 to 4 (SD) (all at address 2AE16). (Scroll is turned off when SD = 0.) The screen is scrolled in the range from the (SC)’th line to the (SD-1)’th line, and sections above and below this range are fixed. The beginning line and beginning dot of scroll are the (SA)’th dot on the (SB)’th line. The screen can be scrolled up or down by successively incrementing or decrementing SA and SB. Figure 6 shows examples of how the display is scrolled. The scroll range in these examples contains 12 lines (second to the 13th lines). However, the screen can display only 11 lines at a time, and the re- maining one line is handled as a dummy line and not displayed. Fig. 6 Scrolling example When displayed in order of SA = 0, 1, 2, and so on, the screen scrolls up. When displayed in order of SA = 12, 11, 10, and so on, the screen scrolls down. (1) To scroll the screen up, write the dummy line after you set the 0th dot in SA but before setting the 1st dot. (2) To scroll the screen down, write the dummy line after you set the 0th dot in SA but before setting the 12th dot of the preceding line. Setting example 2 SA = 3 SB = 5 SC = 2 SD = 14 Setting example 1 SA = 0 SB = 2 SC = 2 SD = 14 Line number when on screen display Line number when on screen display Dummy line 5th line (0 dot to 2 dots) or 4th line (3 dots to 12 dots) 13 14 15 0 1 2 3 4 5 6 7 8 9 10 11 12 2 3 4 5 6 7 8 9 10 11 12 0 1 13 14 15 Dummy line 13th line (0 dot to 12 dots) Zero line 1st line 3rd 4th line 5th line 6th line 7th line 8th line 9th line 10th line 11th line 12th line (0 dot to 12 dots) 14th line 15th line 16th line <fixed block> <fixed block> <Scrolling block> 2nd line (0 dot to 12 dots) Zero line 1st line 6th line 7th line 8th line 9th line 10th line 11th line 12th line 13th line 2nd line 3rd line 14th line 15th line 16th line <fixed block> <Scrolling block> 5th line (3 dots to 12 dots) 4th line (0 dot to 2 dots) <fixed block> |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |