Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M35076 Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # M35076
Description  SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M35076 Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button M35076 Datasheet HTML 6Page - Renesas Technology Corp M35076 Datasheet HTML 7Page - Renesas Technology Corp M35076 Datasheet HTML 8Page - Renesas Technology Corp M35076 Datasheet HTML 9Page - Renesas Technology Corp M35076 Datasheet HTML 10Page - Renesas Technology Corp M35076 Datasheet HTML 11Page - Renesas Technology Corp M35076 Datasheet HTML 12Page - Renesas Technology Corp M35076 Datasheet HTML 13Page - Renesas Technology Corp M35076 Datasheet HTML 14Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 46 page
background image
MITSUBISHI MICROCOMPUTERS
M35076-XXXSP
SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS
9
PTC0
PTC1
PTC2
PTC3
PTC4
PTC5
PTD0
PTD1
PTD2
PTD3
PTD4
PTD5
PTD6
PTD7
RSEL0
P0 output (port P0).
BLNK0 output.
P1 output (port P1).
R0 signal output.
P2 output (port P2).
R1 signal output.
P3 output (port P3).
G0 signal output.
P4 output (port P4).
G1 signal output.
P5 output (port P5).
B0 signal output.
“L” output or negative polarity output (BLNK0 output).
“H” output or positive polarity output (BLNK0 output).
“L” output or negative polarity output (R0 signal output).
“H” output or positive polarity output (R0 signal output).
“L” output or negative polarity output (R1 signal output).
“H” output or positive polarity output (R1 signal output).
“L” output or negative polarity output (G0 signal output).
“H” output or positive polarity output (G0 signal output).
“L” output or negative polarity output (G1 signal output).
“H” output or positive polarity output (G1 signal output).
“L” output or negative polarity output (B0 signal output).
“H” output or positive polarity output (B0 signal output).
“L” output or negative polarity output (B1 signal output).
“H” output or positive polarity output (B1 signal output).
“L” output or negative polarity output (BLNK1 signal output).
“H” output or positive polarity output (BLNK1 signal output).
For setting, see REGISTER SUPPLYMENTARY DESCRIPTION
(2).
P0 pin output control.
P1 pin output control.
P2 pin output control.
P3 pin output control.
P4 pin output control.
P5 pin output control.
P0 pin data control.
P1 pin data control.
P2 pin data control.
P3 pin data control.
P4 pin data control.
P5 pin data control.
P6 pin data control.
P7 pin data control.
Set display frequency range.
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
(2) Address 12116
0
1
2
3
4
5
6
7
8
9
A
B
C
D
E
Register
DA
Status
Contents
Function
(Note 3)
(Note 3)
(Note 3)
(Note 3)
(Note 3)
(Note 3)
(Note 3)
(Note 3)
(Note 3)
(Note 3)
(Note 3)
(Note 3)
(Note 3)
(Note 3)
(Note 3)
Remarks
____
Notes 1. The mark
around the status value means the reset status by the "L" level is input to AC pin.
2. The page in which data is written is controlled by the DAF bit. When set to "0", data is written into page 0, whereas when set to "1",
data is written into page 1.
3. Registers marked with (Note 3) are found only in page 0, therefore the register value does not change when the DAF bit is set to "1".



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com