Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M35076 Datasheet(PDF) 24 Page - Renesas Technology Corp

Part # M35076
Description  SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M35076 Datasheet(HTML) 24 Page - Renesas Technology Corp

Back Button M35076 Datasheet HTML 20Page - Renesas Technology Corp M35076 Datasheet HTML 21Page - Renesas Technology Corp M35076 Datasheet HTML 22Page - Renesas Technology Corp M35076 Datasheet HTML 23Page - Renesas Technology Corp M35076 Datasheet HTML 24Page - Renesas Technology Corp M35076 Datasheet HTML 25Page - Renesas Technology Corp M35076 Datasheet HTML 26Page - Renesas Technology Corp M35076 Datasheet HTML 27Page - Renesas Technology Corp M35076 Datasheet HTML 28Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 46 page
background image
MITSUBISHI MICROCOMPUTERS
M35076-XXXSP
SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS
23
Character color
DATA INPUT EXAMPLE
Data of display RAM and display control registers can be set by the
16-bit serial input function or the I2C-BUS serial input function. Ex-
ample of data setting is shown in Figure 9 (at EXCK0 = “1”, EXCK1 =
“0” setting).
Data input example (M35076-XXXSP)
Notes 1 : The page in which data is written is controlled by the address. To write data into page 0, set "0". To write data into page 1, set "1".
2 : Input a continuous clock of constant period from the TCK pin. Also, input a horizontal synchronous signal into the HOR pin and
a vertical synchronous signal into the VERT pin.
3 : Matrix-outline display in this data.
4 : Secure the waiting time of 200ms after releasing AC, and set data from setting the display frequency (setting of the register).
5 : Set data to display RAM at internal clock (display clock) is stabilized.
0
0
0
0
0
0
0
0
0
0
0
1
1
1
1
1
1
1
0
0
0
1
1
0
0
DAF
(Note1)
DAE DAD DAC DAB DAA DA9 DA8 DA7 DA6 DA5 DA4 DA3 DA2 DA1 DA0
Remarks
Address/data
Address 12016
Data
12016
Data
12116
Data
12216
Data
12316
Data
12416
Data
12516
Data
12616
Data
12716
Data
12816
Address 12216
Data
12216
Data
12316
Data
12416
Data
12516
Data
12616
Data
12716
Data
12816
Data
00016
Data
11F16
Address 00016
Data
00016
Data
11F16
Address 12816
Data
12816
Address 12816
Data
12816
0
DIV0
1
HP0
VP0
0
0
0
0
0
0
HP0
VP0
0
0
0
0
0
C0
C0
0
C0
C0
0
0
0
1
RSEL0
RSEL1
0
0
0
0
0
0
0
0
0
0
0
0
0
0
BB
BB
0
BB
BB
0
0
0
DIVS1
PTD6
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
BR
BR
0
BR
BR
0
0
0
DIV10
PTD4
HP10
0
0
0
0
0
0
0
HP10
0
0
0
0
0
0
B
B
0
B
B
0
0
0
DIV9
1
HP9
VP9
0
0
0
0
0
0
HP9
VP9
0
0
0
0
0
G
G
0
G
0
0
0
1
DIV8
PTD2
HP8
VP8
0
0
0
0
0
1
HP8
VP8
0
0
0
0
0
R
R
0
R
R
1
1
0
DIV7
1
HP7
VP7
0
0
0
0
0
0
HP7
VP7
0
0
0
0
0
C7
C7
0
0
0
0
0
0
DIV6
1
HP6
VP6
0
0
0
0
0
0
HP6
VP6
0
0
0
0
0
C6
C6
0
C6
C6
0
0
1
DIV5
1
HP5
VP5
0
0
0
0
0
1
HP5
VP5
0
0
0
0
0
C5
C5
0
C5
C5
1
1
0
DIV4
0
HP4
VP4
0
0
0
0
POLH
0
HP4
VP4
0
0
0
0
0
C4
C4
0
C4
C4
0
0
0
DIV3
1
HP3
VP3
0
0
0
0
POLV
0
HP3
VP3
0
0
0
0
0
C3
C3
0
C3
C3
1
1
0
DIV2
0
HP2
VP2
0
0
0
0
0
0
HP2
VP2
0
0
0
0
0
C2
C2
0
C2
C2
0
0
0
DIV1
1
HP1
VP1
0
0
0
0
0
1
HP1
VP1
0
0
0
0
0
C1
C1
0
C1
C1
0
0
0
DIVS2
PTD7
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
BG
BG
0
BG
BG
0
0
System set up (Note 4)
Address setting
200m sec hold
Address setting
1
0
0
0
0
1
0
0
0
1
1
0
0
0
0
0
0
0
0
0
0
1
0
0
0
1
1
POLH POLV
0
0
0
Fig 9. Example of data setting
Horizontal display location setting
Vertical display location setting
Display form setting
Character size setting
Character size setting
Color, character size setting
Output setting
Frequency value setting (Note2)
Horizontal display location setting
Vertical display location setting
Display form setting
Character size setting
Character size setting
Color, character size setting
Page 0 display OFF
Address setting
Page 1 display OFF
Be stable / Waiting time
Character setting
Character setting
Character code
Character code
Page 1 display ON
Display form setting (Note 3)
Address setting
Page 0 display ON
Display form setting (Note 3)
200m sec hold
Character color
Blink
-ing
0
DIVS0
1
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
BLINK
BLINK
0
BLINK
BLINK
0
0
Blink
-ing
Background
coloring
Background
coloring



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com