Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M35076 Datasheet(PDF) 22 Page - Renesas Technology Corp

Part # M35076
Description  SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M35076 Datasheet(HTML) 22 Page - Renesas Technology Corp

Back Button M35076 Datasheet HTML 18Page - Renesas Technology Corp M35076 Datasheet HTML 19Page - Renesas Technology Corp M35076 Datasheet HTML 20Page - Renesas Technology Corp M35076 Datasheet HTML 21Page - Renesas Technology Corp M35076 Datasheet HTML 22Page - Renesas Technology Corp M35076 Datasheet HTML 23Page - Renesas Technology Corp M35076 Datasheet HTML 24Page - Renesas Technology Corp M35076 Datasheet HTML 25Page - Renesas Technology Corp M35076 Datasheet HTML 26Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 46 page
background image
MITSUBISHI MICROCOMPUTERS
M35076-XXXSP
SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS
21
MODE0
0
1
0
1
POPUP
0
1
DISPLAY FORM 2
This IC can display both page 0 and page 1 at the same time.
Page 0: Set the DAF bit in each addresses to "0".
Page 1: Set the DAF bit in each addresses to "1".
MODE1
0
0
1
1
Fig. 7
Example of 2 pages display
Example 1: Display position, display size, color, etc., can be freely set for each page, and the 2 pages can be displayed on top of each other
or side-by-side.
Example 2: RGB output of two pages can be outputted by one line or two lines by registers MODE0 (address 12716) and MODE1 (address
12816) and POPUP (address 12616). And, when the display range of the 2 pages overlap on the monitor screen at the time of an
one-line output, they can perform the following displays. (The POPUP register is effective only when MODE0 = "0" and MODE1
= "0".)
Menu
Setting
Help
End
Page 1 (24 columns ✕ 12 line)
Monitor display
Monitor display
Example 1
Example 2
Screen size
Tone
Menu
Setting
Help
End
Screen size
Tone
Page 1 (24 columns ✕ 12 line)
Page 0 (24 columns ✕ 12 line)
Page 0 (24 columns ✕ 12 line)
Output system
1 system
1 system
1 system
2 systems
1 system
Display mode
Standard (Page 1 priority)
Standard (Page 0 priority)
AND
OR
(1) Output system
(a) 1 system : Output RBG signal of both of page 0 and 1 from R0,G0,B0 and BLNK0 pin (For overlapping areas, refer to below.)
(b) 2 systems : RBG signal of page 0 is output from R0,G0,B0 and BLNK0 pin, RBG signal of page 1 is output from R1,G1,B1 and
BLNK1 pin.
(2) Display mode (Overlapping areas of Page 0 and 1)
(a) Standard (page 1 priority).. Page 1 has priority in overlapping areas. Page 0 is not displayed in those areas.
(b) Standard (page 0 priority).. Page 0 has priority in overlapping areas. Page 1 is not displayed in those areas.
(c) AND .................................. In overlapping areas, the RGB output of the 2 pages is AND processed and output.
(d) OR .................................... In overlapping areas, the RGB output of the 2 pages is OR processed and output.
Note : Set 0 (port output) to control register PTC2, PTC4 and PT67 except at 2 systems output setting (MODE1=1,MODE0=0.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com