Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M35076 Datasheet(PDF) 25 Page - Renesas Technology Corp

Part # M35076
Description  SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M35076 Datasheet(HTML) 25 Page - Renesas Technology Corp

Back Button M35076 Datasheet HTML 21Page - Renesas Technology Corp M35076 Datasheet HTML 22Page - Renesas Technology Corp M35076 Datasheet HTML 23Page - Renesas Technology Corp M35076 Datasheet HTML 24Page - Renesas Technology Corp M35076 Datasheet HTML 25Page - Renesas Technology Corp M35076 Datasheet HTML 26Page - Renesas Technology Corp M35076 Datasheet HTML 27Page - Renesas Technology Corp M35076 Datasheet HTML 28Page - Renesas Technology Corp M35076 Datasheet HTML 29Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 46 page
background image
MITSUBISHI MICROCOMPUTERS
M35076-XXXSP
SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS
24
Fig 11. Example of the M35076-XXXSP peripheral circuit ( Internal clock mode. At EXCK1 = “0”, EXCK0 = “1”)
1
µF
100
µF
1
µF
0.01
µF
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
CPOUT
VSS2
AC
CS
SCK/SCL
SIN/SDA
TCK
VDD2
VERT
HOR
+5V
+5V
+
+
100
µF
1
µF
0.01
µF
+
Synchronous signal
generator
Microcomputer
470PF (Note 2)
Horizontal synchronors signal (5V)
Vertical synchronors signal (5V)
Note 1: Use this 1% precision element
Note 2: Use this 10% precision element
Note3. Connect to VDD with CS pin at the I C-Bus serial communication.
1.0k
(Note 1)
0.1
µF(Note 2)
2
VDD1
P6/B1
P7/BLNK1
P5/B0
P4/G1
P3/G0
P2/R1
P1/R0
P0/BLNK0
VSS1
B1
BLNK1
BLNK0
R0
R1
G1
G0
B0
Fig 10. Example of the M35076-XXXSP peripheral circuit ( External clock mode 1. At EXCK1 = “0”, EXCK0 = “0”)
1
µF
100
µF
1
µF
0.01
µF
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
CPOUT
VSS2
AC
CS
SCK/SCL
SIN/SDA
TCK
B1
BLNK1
VDD1
P6/B1
P7/BLNK1
VDD2
VERT
HOR
P5/B0
P4/G1
P3/G0
P2/R1
P1/R0
P0/BLNK0
VSS1
+5V or +3V
+5V or +3V
BLNK0
R0
R1
G1
G0
B0
+
+
100
µF
1
µF
0.01
µF
+
Note1. CPOUT pin can be opened when use only EXCK1 = "0" and EXCK0 = "0".
Note2. Connect to VDD with CS pin at the I C-Bus serial communication.
Synchronous signal
generator
Microcomputer
External clock
Horizontal synchronors signal (5V or 3V)
Vertical synchronors signal (5V or 3V)
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com