Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M66290AFP Datasheet(PDF) 37 Page - Renesas Technology Corp

Part # M66290AFP
Description  USB DEVICE CONTROLLER
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M66290AFP Datasheet(HTML) 37 Page - Renesas Technology Corp

Back Button M66290AFP Datasheet HTML 33Page - Renesas Technology Corp M66290AFP Datasheet HTML 34Page - Renesas Technology Corp M66290AFP Datasheet HTML 35Page - Renesas Technology Corp M66290AFP Datasheet HTML 36Page - Renesas Technology Corp M66290AFP Datasheet HTML 37Page - Renesas Technology Corp M66290AFP Datasheet HTML 38Page - Renesas Technology Corp M66290AFP Datasheet HTML 39Page - Renesas Technology Corp M66290AFP Datasheet HTML 40Page - Renesas Technology Corp M66290AFP Datasheet HTML 41Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 54 page
background image
USB DEVICE CONTROLLER
M66290AGP/FP
MITSUBISHI <DIGITAL ASSP>
36
Function
Name
Bit
Name
Bit
Reset
-
-
0
W/R
-
-
0
W/R
Write/Read "0"
If "1" is written into this bit when the selected endpoint is
set to IN, IN buffer effective state flag and the data (byte)
which is written are cleared.
If the IVAL="1" and BCLR="1" is written at the same time,
the data is cleared but the IN buffer effective state flag
is set.(This is effective to transmit 0 length data)
If "1" is written into this bit when the selected endpoint is
set to OUT, OUT buffer effective state flag and the read data
(byte) are cleared.
If it is set to double buffer, the state of buffer which can
be read or write for CPU bus is cleared.
To set the EPi_ACLR, USB bus buffer is cleared.
This bit is not changed when "0" is written.
Buffer clear
If the selected endpoint is set to IN, this becomes IN buffer
effective state flag.
When set to "1", it becomes transmit data set state.
(SIE is available to read)
When the data (byte) which exceeds to the maximum packet size
(MXPS) is written, this bit is set to "1".
In short packet transmit, set this bit to "1" after wrote
the transmit data.
If IVAL="1" and BCLR="1" is written at the same time, the
IN buffer effective state flag is set to "1".
(This is effective to transmit 0 length data)
If the selected endpoint is set to OUT, it becomes to
OUT buffer effective state status.
Status "1" shows that there is data which is available to read.
When Creq bit is "0", the value of this bit is effective.
This bit is not changed when "1" is written.
Flag is not changed when "0" is written.
IN buffer status
12
BCLR
IVAL
13
Reserved
15, 14
W/R
USB
S/W
H/W
DMA_DTLN[10:0]
Dreq
BCLR
IVAL
D0
D1
D2
D3
D4
D5
D6
D7
D8
D9
D10
D11
D12
D15
D13
D14
(4-5) DMA_FIFO Control Register (Address : 4Ah)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com