Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M66290AFP Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # M66290AFP
Description  USB DEVICE CONTROLLER
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M66290AFP Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button M66290AFP Datasheet HTML 2Page - Renesas Technology Corp M66290AFP Datasheet HTML 3Page - Renesas Technology Corp M66290AFP Datasheet HTML 4Page - Renesas Technology Corp M66290AFP Datasheet HTML 5Page - Renesas Technology Corp M66290AFP Datasheet HTML 6Page - Renesas Technology Corp M66290AFP Datasheet HTML 7Page - Renesas Technology Corp M66290AFP Datasheet HTML 8Page - Renesas Technology Corp M66290AFP Datasheet HTML 9Page - Renesas Technology Corp M66290AFP Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 54 page
background image
USB DEVICE CONTROLLER
M66290AGP/FP
MITSUBISHI <DIGITAL ASSP>
5
-
0000h
0000h
R/W
-
0000h
0000h
R/W
-
-
-
-
-
-
-
-
-
-
-
-
-
-
0000h
0000h
R/W
Interrupt Status Register2
1Ch
-
0000h
0000h
R/W
Interrupt Enable Register2
14h
-
0000h
0000h
-
0000h
0000h
-
0000h
0000h
Note 2
0000h
0000h
-
0000h
0000h
-
-
0000h
-
-
0000h
-
-
0000h
-
-
0000h
-
0000h
-
0008h
-
0000h
-
0000h
-
0800h
-
xxxx
-
0000h
-
0000h
-
0800h
-
xxxx
-
0000h
-
0800h
-
xxxx
-
-
0000h
-
-
0040h
-
-
0000h
-
-
0040h
-
-
0000h
-
-
0040h
-
-
0000h
-
-
0040h
-
-
0000h
0000h
Address
Name
R/W
0000h
-
-
-
USB
0000h
0000h
0000h
-
S/W
0000h
0000h
0000h
H/W
R/W
R/W
R/W (note 2)
R/W
R/W
R/W
R/W
R
R
R
R
R
R/W (note 2)
R/W
R/W
R/W (note 2)
R
R/W
R/W
R/W
R/W
R/W (note 2)
R/W
R/W
R/W (note 2)
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
EP5 Configuration Register0
EP4 Configuration Register1
EP4 Configuration Register0
EP3 Configuration Register1
EP3 Configuration Register0
EP2 Configuration Register1
EP2 Configuration Register0
EP1 Configuration Register1
EP1 Configuration Register0
Reserved
DMA_FIFO Data Register
DMA_FIFO Control Register
DMA_FIFO Selection Register
Reserved
CPU_FIFO Data Register
CPU_FIFO Control Register
CPU_FIFO Selection Register
Reserved
EP0 Continuous transmit Data Length
EP0_FIFO Data Register
EP0_FIFO Control Register
EP0_FIFO Selection Register
Reserved
Auto-response Control Register
EP0 Packet Size Register
Control Transfer Control Register
Length Register
Index Register
Value Register
Request Register
Interrupt Status Register3
Interrupt Status Register1
Interrupt Status Register0
Interrupt Enable Register3
Interrupt Enable Register1
Interrupt Enable Register0
Reserved
IsochronousStatus Register
USB_Address Register
Reserved
Sequence Bit Clear Register
Remote Wake-up Register
USB Operation Enable Register
4Eh to 5Eh
70h
6Eh
6Ch
6Ah
68h
66h
64h
62h
60h
4Ch
4Ah
48h
46h
44h
42h
40h
38h to 3Eh
36h
34h
32h
30h
2Eh
2Ch
2Ah
28h
26h
24h
22h
20h
1Eh
1Ah
18h
16h
12h
10h
0Ch to 0Eh
0Ah
08h
06h
04h
02h
00h
CONTROL REGISTER TABLE
note 1 : Detail description is mentioned later.
note 2 : Some are read only.
shows the reset status by receiv ing USB reset.
" - " shows that the prev ious status is kept.
Write into reserv ed address is inhibited.
Below is the table of registers of M66290A.
Bit width of all register is 16bits.
In reset item, "H/W" shows the reset status
by external RST input, "S/W" shows reset
status by USBE register, and "USB"



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com