Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M66290AFP Datasheet(PDF) 42 Page - Renesas Technology Corp

Part # M66290AFP
Description  USB DEVICE CONTROLLER
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M66290AFP Datasheet(HTML) 42 Page - Renesas Technology Corp

Back Button M66290AFP Datasheet HTML 38Page - Renesas Technology Corp M66290AFP Datasheet HTML 39Page - Renesas Technology Corp M66290AFP Datasheet HTML 40Page - Renesas Technology Corp M66290AFP Datasheet HTML 41Page - Renesas Technology Corp M66290AFP Datasheet HTML 42Page - Renesas Technology Corp M66290AFP Datasheet HTML 43Page - Renesas Technology Corp M66290AFP Datasheet HTML 44Page - Renesas Technology Corp M66290AFP Datasheet HTML 45Page - Renesas Technology Corp M66290AFP Datasheet HTML 46Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 54 page
background image
USB DEVICE CONTROLLER
M66290AGP/FP
MITSUBISHI <DIGITAL ASSP>
41
Notes 1: All input and bidirection pins except for Xin (except for USB buffer)
2: INT,Dreq,TDO output pins
3: D15-0 input /output pins
4: Vbus input pins
5: TEST1,TEST2,TCK input pins
6: TRST,TMS,TDI input pins
Note 3
Note 2
Xout
Note 1
Xin
Oscillator disable,PLL disable,
USB transceiver enable,
TrON=H/L output
VI=Vcc or GND fixed,Vcc = 3.6V
Oscillator disable,PLL disable,
USB transceiver disable,
TrON=H/L output
VI=Vcc or GND fixed,Vcc = 3.6V
Suspend state
f(Xin)=48MHz,VCC = 3.6V
USB transmit state
Oscillator disable,PLL disable,
USB transceiver disable,
TrON=H/L output
VI=Vcc or GND fixed,Vcc = 3.6V
H/W reset state
Supply current in static mode
ICC(S)
2
4
100
55
mA
uA
200
30
D15-0
,TDO
V
0.4
IOL = 2mA
"L" output voltage
VOL
V
2.6
IOH = -2mA
VCC = 3.0V
"H" output voltage
VOH
k
Ω
50
Note 5
Pull down resistance
Rdt
k
Ω
100
Note 4
Pull down resistance
Rdv
10
40
Note 6
50
k
Ω
Pull up resistance
Ru
V
0.4
IOL = 50uA
"L" output voltage
VOL
V
2.6
IOH = -50uA
VCC = 3.0V
"H" output voltage
VOH
VCC = 3.6V
VCC = 3.6V
VCC = 3.0V
VCC = 3.3V
VCC = 3.0V
VCC = 3.6V
Unit
Limits
Symbol
Parameter
Condition
0
0.9
2.6
-10
-10
10
10
mA
uA
uA
uA
uA
VO = GND
VO = VCC
VI = GND
IOL = 4mA
VI = VCC
IOH = -4mA
"H" input current
"L" input current
"H" output current in off status
"L" output current in off status
Average supply current in operation
mode
ICC(A)
IOZL
IOZH
IIL
IIH
V
0.4
"L" output voltage
VOL
VIH
1.65
0.5
2.4
1.4
Max.
Typ.
Min.
3.6
2.52
uA
V
V
V
V
V
"H" output voltage
Threshold voltage in negative direction
Threshold voltage in positive direction
"L" input voltage
"H" input voltage
VOH
VT-
VT+
VIL
ELECTRICAL CHARACTERISTICS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com