Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M66290AFP Datasheet(PDF) 15 Page - Renesas Technology Corp

Part # M66290AFP
Description  USB DEVICE CONTROLLER
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M66290AFP Datasheet(HTML) 15 Page - Renesas Technology Corp

Back Button M66290AFP Datasheet HTML 11Page - Renesas Technology Corp M66290AFP Datasheet HTML 12Page - Renesas Technology Corp M66290AFP Datasheet HTML 13Page - Renesas Technology Corp M66290AFP Datasheet HTML 14Page - Renesas Technology Corp M66290AFP Datasheet HTML 15Page - Renesas Technology Corp M66290AFP Datasheet HTML 16Page - Renesas Technology Corp M66290AFP Datasheet HTML 17Page - Renesas Technology Corp M66290AFP Datasheet HTML 18Page - Renesas Technology Corp M66290AFP Datasheet HTML 19Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 54 page
background image
USB DEVICE CONTROLLER
M66290AGP/FP
MITSUBISHI <DIGITAL ASSP>
14
(2-2) Interrupt Enable Register 1(Address : 12h)
-
00h
00h
W/R
Write/Read "0"
Endpoint5-0 buffer
empty/size error
interrupt enable
0 : Disable
1 : Enable
The number of endpoint is correspond to each bit one by one.
5 to 0
EPB_
EMPE
[5:0]
Reserved
15 to 6
Bit
Bit
Name
Name
Function
W/R
USB
S/W
H/W
Reset
(2-4) Interrupt Enable Register 3 (Address : 16h)
EPB_EMPE[5:0]
D0
D1
D2
D3
D4
D5
D6
D7
D8
D9
D10
D11
D12
D15
D13
D14
Endpoint5-0 buffer
not ready
interrupt enable
EPB_NRE
[5:0]
-
00h
00h
W/R
Write/Read "0"
0 : Disable
1 : Enable
The number of endpoint is correspond to each bit one by one.
5 to 0
Reserved
15 to 6
Bit
Bit
Name
Name
Function
W/R
USB
S/W
H/W
Reset
(2-3) Interrupt Enable Register 2 (Address : 14h)
EPB_NRE[5:0]
D0
D1
D2
D3
D4
D5
D6
D7
D8
D9
D10
D11
D12
D15
D13
D14
Endpoint5-0 buffer
ready
interrupt enable
EPB_RE
[5:0]
-
00h
00h
W/R
Write/Read "0"
0 : Disable
1 : Enable
The number of endpoint is correspond to each bit one by one.
5 to 0
Reserved
15 to 6
Bit
Bit
Name
Name
Function
W/R
USB
S/W
H/W
Reset
EPB_RE[5:0]
D0
D1
D2
D3
D4
D5
D6
D7
D8
D9
D10
D11
D12
D15
D13
D14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com