Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSD835G2-90MI Datasheet(PDF) 91 Page - STMicroelectronics

Part # PSD835G2-90MI
Description  Configurable Memory System on a Chip for 8-Bit Microcontrollers
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD835G2-90MI Datasheet(HTML) 91 Page - STMicroelectronics

Back Button PSD835G2-90MI Datasheet HTML 87Page - STMicroelectronics PSD835G2-90MI Datasheet HTML 88Page - STMicroelectronics PSD835G2-90MI Datasheet HTML 89Page - STMicroelectronics PSD835G2-90MI Datasheet HTML 90Page - STMicroelectronics PSD835G2-90MI Datasheet HTML 91Page - STMicroelectronics PSD835G2-90MI Datasheet HTML 92Page - STMicroelectronics PSD835G2-90MI Datasheet HTML 93Page - STMicroelectronics PSD835G2-90MI Datasheet HTML 94Page - STMicroelectronics PSD835G2-90MI Datasheet HTML 95Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 110 page
background image
PSD8XX Family
PSD835G2
90
-90
-12
Turbo
Symbol
Parameter
Conditions
Min
Max
Min
Max
Off
Unit
tLVLX
ALE or AS Pulse Width
22
24
ns
tAVLX
Address Setup Time
(Note 3)
7
9
ns
tLXAX
Address Hold Time
(Note 3)
8
10
ns
tAVQV
Address Valid to Data Valid
(Note 3)
90
120
Add 20**
ns
t SLQV
CS Valid to Data Valid
90
120
ns
RD to Data Valid
(Note 5)
35
35
ns
t RLQV
RD or PSEN to Data Valid,
80C51XA Mode
(Note 2)
45
48
ns
t RHQX
RD Data Hold Time
(Note 1)
0
0
ns
tRLRH
RD Pulse Width
(Note 1)
36
40
ns
tRHQZ
RD to Data High-Z
(Note 1)
38
40
ns
tEHEL
E Pulse Width
38
42
ns
tTHEH
R/W Setup Time to Enable
10
16
ns
tELTL
R/W Hold Time After Enable
0
0
ns
tAVPV
Address Input Valid to
(Note 4)
30
35
ns
Address Output Delay
Read Timing (3.0 V to 3.6 V Versions)
Microcontroller Interface – PSD835G2 AC/DC Parameters
(3.0 V to 3.6 V Versions)
NOTES: 1. RD timing has the same timing as DS and PSEN signals.
2. RD and PSEN have the same timing for 80C51.
3. Any input used to select an internal PSD835G2V function.
4. In multiplexed mode latched address generated from ADIO delay to address output on any Port.
5. RD timing has the same timing as DS.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com