Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSD835G2-90MI Datasheet(PDF) 43 Page - STMicroelectronics

Part # PSD835G2-90MI
Description  Configurable Memory System on a Chip for 8-Bit Microcontrollers
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD835G2-90MI Datasheet(HTML) 43 Page - STMicroelectronics

Back Button PSD835G2-90MI Datasheet HTML 39Page - STMicroelectronics PSD835G2-90MI Datasheet HTML 40Page - STMicroelectronics PSD835G2-90MI Datasheet HTML 41Page - STMicroelectronics PSD835G2-90MI Datasheet HTML 42Page - STMicroelectronics PSD835G2-90MI Datasheet HTML 43Page - STMicroelectronics PSD835G2-90MI Datasheet HTML 44Page - STMicroelectronics PSD835G2-90MI Datasheet HTML 45Page - STMicroelectronics PSD835G2-90MI Datasheet HTML 46Page - STMicroelectronics PSD835G2-90MI Datasheet HTML 47Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 110 page
background image
PSD8XX Family
PSD835G2
42
MASTER
MCU
MCU - RD
MCU - RD
MCU - WR
SLAVE – WR
SLAVE – CS
MCU - WR
D [ 7:0]
D [ 7:0]
CPLD
DQ
QD
PORT A
DATA OUT
REGISTER
PORT A
INPUT
MICRO ⇔ CELL
PORT A
SLAVE – READ
SLAVE
MCU
RD
WR
PSD835G2
Figure 15. Handshaking Communication Using Input Micro⇔Cells
The
PSD835G2
Functional
Blocks
(cont.)
9.2.2.7 External Chip Select
The CPLD also provides eight chip select outputs that can be used to select external
devices. The chip selects can be routed to either Port C or Port F, depending on the pin
declaration in the PSDsoft. Each chip select (ECS0-7) consists of one product term that can
be configured active high or low.
The output enable of the pin is controlled by either the output enable product term or the
Direction Register. (See Figure 16).
CPLD
AND
ARRAY
ECS PT
PORT C OR PORT F
ECS
TO PORT C OR F
ENABLE (.OE) PT
POLARITY
BIT
DIRECTION
REGISTER
PORT PIN
Figure 16. External Chip Select



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com