Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSD835G2-90MI Datasheet(PDF) 36 Page - STMicroelectronics

Part # PSD835G2-90MI
Description  Configurable Memory System on a Chip for 8-Bit Microcontrollers
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD835G2-90MI Datasheet(HTML) 36 Page - STMicroelectronics

Back Button PSD835G2-90MI Datasheet HTML 32Page - STMicroelectronics PSD835G2-90MI Datasheet HTML 33Page - STMicroelectronics PSD835G2-90MI Datasheet HTML 34Page - STMicroelectronics PSD835G2-90MI Datasheet HTML 35Page - STMicroelectronics PSD835G2-90MI Datasheet HTML 36Page - STMicroelectronics PSD835G2-90MI Datasheet HTML 37Page - STMicroelectronics PSD835G2-90MI Datasheet HTML 38Page - STMicroelectronics PSD835G2-90MI Datasheet HTML 39Page - STMicroelectronics PSD835G2-90MI Datasheet HTML 40Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 110 page
background image
PSD835G2
PSD8XX Family
35
The
PSD835G2
Functional
Blocks
(cont.)
Each of the two PLDs has unique characteristics suited for its applications They are
described in the following sections.
9.2.1 Decode PLD (DPLD)
The DPLD, shown in Figure 11, is used for decoding the address for internal and external
components. The DPLD can generate the following decode signals:
• 8 sector selects for the main Flash memory (three product terms each)
• 4 sector selects for the Flash Boot memory
(three product terms each)
• 1 internal SRAM select signal (three product terms)
• 1 internal CSIOP (PSD configuration register) select signal
• 1 JTAG select signal (enables JTAG-ISP on Port E)
• 2 internal peripheral select signals (peripheral I/O mode).
9.2.2 Complex PLD (CPLD)
The CPLD can be used to implement system logic functions, such as loadable counters
and shift registers, system mailboxes, handshaking protocols, state machines, and
random logic. The CPLD can also be used to generate 8 external chip selects, routed to
Port C or F. Although external chip selects can be produced by any Output Micro
⇔Cell,
these eight external chip selects on Port C or F do not consume any Output Micro
⇔Cells.
As shown in Figure 10, the CPLD has the following blocks:
• 24 Input Micro
⇔Cells (IMCs)
• 16 Output Micro
⇔Cells (OMCs)
• Product Term Allocator
• AND array capable of generating up to 196 product terms
• Four I/O ports.
Each of the blocks are described in the subsections that follow.
The Input and Output Micro
⇔Cells are connected to the PSD835G2 internal data bus and
can be directly accessed by the microcontroller. This enables the MCU software to load
data into the Output Micro
⇔Cells or read data from both the Input and Output
Micro
⇔Cells. This feature allows efficient implementation of system logic and eliminates
the need to connect the data bus to the AND logic array as required in most standard PLD
macrocell architectures.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com