Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSD835G2-90MI Datasheet(PDF) 61 Page - STMicroelectronics

Part # PSD835G2-90MI
Description  Configurable Memory System on a Chip for 8-Bit Microcontrollers
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD835G2-90MI Datasheet(HTML) 61 Page - STMicroelectronics

Back Button PSD835G2-90MI Datasheet HTML 57Page - STMicroelectronics PSD835G2-90MI Datasheet HTML 58Page - STMicroelectronics PSD835G2-90MI Datasheet HTML 59Page - STMicroelectronics PSD835G2-90MI Datasheet HTML 60Page - STMicroelectronics PSD835G2-90MI Datasheet HTML 61Page - STMicroelectronics PSD835G2-90MI Datasheet HTML 62Page - STMicroelectronics PSD835G2-90MI Datasheet HTML 63Page - STMicroelectronics PSD835G2-90MI Datasheet HTML 64Page - STMicroelectronics PSD835G2-90MI Datasheet HTML 65Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 110 page
background image
PSD8XX Family
PSD835G2
60
The
PSD835G2
Functional
Blocks
(cont.)
9.4.4 Port Data Registers
The Port Data Registers, shown in Table 24, are used by the microcontroller to write data
to or read data from the ports. Table 24 shows the register name, the ports having each
register type, and microcontroller access for each register type. The registers are
described below.
9.4.4.1 Data In
Port pins are connected directly to the Data In buffer. In MCU I/O input mode, the pin input
is read through the Data In buffer.
9.4.4.2 Data Out Register
Stores output data written by the MCU in the MCU I/O output mode. The contents of the
Register are driven out to the pins if the Direction Register or the output enable
product term is set to “1”. The contents of the register can also be read back by the
microcontroller.
9.4.4.3 Output Micro
⇔Cells (OMCs)
The CPLD OMCs occupy a location in the microcontroller’s address space. The
microcontroller can read the output of the OMCs. If the Mask Micro
⇔Cell Register bits are
not set, writing to the Micro
⇔Cell loads data to the Micro⇔Cell flip flops. Refer to the PLD
section for more details.
9.4.4.4 Mask Micro
⇔Cell Register
Each Mask Register bit corresponds to an OMC flip flop. When the Mask Register bit
is set to a “1”, loading data into the OMC flip flop is blocked. The default value is “0” or
unblocked.
9.4.4.5 Input Micro
⇔Cells (IMCs)
The IMCs can be used to latch or store external inputs. The outputs of the IMCs
are routed to the PLD input bus, and can be read by the microcontroller. Refer to the PLD
section for a detailed description.
9.4.4.6 Enable Out
The Enable Out register can be read by the microcontroller. It contains the output enable
values for a given port. A “1” indicates the driver is in output mode. A “0” indicates the
driver is in tri-state and the pin is in input mode.
Register Name
Port
MCU Access
Data In
A,B,C,D,E,F,G
Read – input on pin
Data Out
A,B,C,D,E,F,G
Write/Read
Output Micro
⇔Cell A,B
Read – outputs of Micro
⇔Cells
Write – loading Micro
⇔Cells Flip-Flop
Mask Micro
⇔Cell
A,B
Write/Read – prevents loading into a given
Micro
⇔Cell
Input Micro
⇔Cell
A,B,C
Read – outputs of the Input Micro
⇔Cells
Enable Out
A,B,C,F
Read – the output enable control of the port driver
Table 24. Port Data Registers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com