Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M63155FP Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # M63155FP
Description  3 PHASE BRUSHLESS MOTOR CONTROLLER
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M63155FP Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button M63155FP Datasheet HTML 9Page - Renesas Technology Corp M63155FP Datasheet HTML 10Page - Renesas Technology Corp M63155FP Datasheet HTML 11Page - Renesas Technology Corp M63155FP Datasheet HTML 12Page - Renesas Technology Corp M63155FP Datasheet HTML 13Page - Renesas Technology Corp M63155FP Datasheet HTML 14Page - Renesas Technology Corp M63155FP Datasheet HTML 15Page - Renesas Technology Corp M63155FP Datasheet HTML 16Page - Renesas Technology Corp M63155FP Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 41 page
background image
M63155FP
Rev.1.0, Sep.16.2003, page 13 of 40
Electrical characteristics
(Unless otherwise noted Ta=25°C, VM=12V, VCC1=VCC2=5V)
PWM
Vout(*Note2)
50%
50%
0V
5V
90%
10%
VA(*Note3)
0V
Ton
Tr
Toff
Tf
Fig.3 Gate Drive Output Time Characteristics Definition
* Note2 : Vout is the external Nch MOS FET 's gate-source voltage. The definition is, UT-U, VT-V, WT-W, and
U=V=W=VM=12V, Capacitor Load CL=1200pF. UB-RS, VB-RS, WB-RS, and RS=0V, Capacitor Load
CL=1200pF.
* Note3 : VA is the power supply voltage of the gate drive output. The definition is, VGT-VM=10.8V for UT-U, VT-
V, WT-W. VGB=12.2V for UB-RS, VB-RS, WB-RS.
* Note4 : The waveform above-mentioned is one of the switching timing, because an gate drive output state is due to
Hall sensor Amp. inputs. Please refer to the "Hall Signal Inputs and Motor Outputs Timing Diagram".



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com