Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M63155FP Datasheet(PDF) 19 Page - Renesas Technology Corp

Part # M63155FP
Description  3 PHASE BRUSHLESS MOTOR CONTROLLER
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M63155FP Datasheet(HTML) 19 Page - Renesas Technology Corp

Back Button M63155FP Datasheet HTML 15Page - Renesas Technology Corp M63155FP Datasheet HTML 16Page - Renesas Technology Corp M63155FP Datasheet HTML 17Page - Renesas Technology Corp M63155FP Datasheet HTML 18Page - Renesas Technology Corp M63155FP Datasheet HTML 19Page - Renesas Technology Corp M63155FP Datasheet HTML 20Page - Renesas Technology Corp M63155FP Datasheet HTML 21Page - Renesas Technology Corp M63155FP Datasheet HTML 22Page - Renesas Technology Corp M63155FP Datasheet HTML 23Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 41 page
background image
M63155FP
Rev.1.0, Sep.16.2003, page 19 of 40
9. Current Decay Method (DS)
The current decay method is determined by the input into the DS terminal. In slow-decay mode, only the high side
MOS FET is switched open during a PWM OFF (Low) cycle. The fast-decay mode switches both the high and low
side MOS FETs.
Table 1. gives the DS selection truth table.
TABLE 1.
DS Selection Truth Table
DS
Function Mode
High
Slow-Decay
Low
Fast-Decay
The output MOS FETs are controlled by PWM signal as follows.
I1
I2
D2
Q1
Q2
Q3
Q4
Q5
Q6
VM
RS
(1)Condition: Q1 is ON and Q4 is ON.
(PWM ON period)
The motor current I1 goes to RS through the
transistors Q1 and Q4.
(2)Condition: Q4 is ON and Q2, Q1 are OFF.
(PWM ON -> OFF switching period)
The discharge current I2 goes through the
diode D2. This diode is a parasitic diode of the
output power FET.
(3)Condition: Q4 is ON and Q2, Q1 are OFF.
(PWM OFF period)
The discharge current I2 keeps going through
the diode D2. Q2 keeps being OFF.
(4)Condition: Q4 is ON and Q2, Q1 are OFF.
(PWM OFF -> ON switching period)
Likewise state (3), the discharge current I2
keeps going through the diode D2. Q2 keeps
being OFF.
a) Slow-Decay Function
b) Fast-Decay Function
(1)Condition: Q1 is ON and Q4 is ON
(PWM ON period)
The motor current I1 goes to RS through the
transistors Q1 and Q4.
(2)Condition: Q1, Q4, Q2 and Q3 are OFF.
(PWM ON -> OFF switching period)
The discharge current I2 goes through the
diode D2 and D3. This diode is a parasitic diode of
the output power FET.
(3)Condition: Q1, Q4, Q2 and Q3 are OFF.
(PWM OFF period)
The discharge current I2 keeps going through
the diode D2 and D3.
(4)Condition: Q1, Q4, Q2 and Q3 are OFF.
(PWM OFF -> ON switching period)
Likewise state (2), the discharge current I2 goes
through the diode D2 and D3.
* When all the output power FETs are OFF, for example as
the phase change, the discharge current goes to VM through
these parasitic diodes.
I1
Q1
Q2
Q3
Q4
Q5
Q6
VM
RS
I2
D2
D3
Fig. 9 Current Decay Method at the MOS FETs Control with PWM Signal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com