Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M63155FP Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # M63155FP
Description  3 PHASE BRUSHLESS MOTOR CONTROLLER
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M63155FP Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button M63155FP Datasheet HTML 17Page - Renesas Technology Corp M63155FP Datasheet HTML 18Page - Renesas Technology Corp M63155FP Datasheet HTML 19Page - Renesas Technology Corp M63155FP Datasheet HTML 20Page - Renesas Technology Corp M63155FP Datasheet HTML 21Page - Renesas Technology Corp M63155FP Datasheet HTML 22Page - Renesas Technology Corp M63155FP Datasheet HTML 23Page - Renesas Technology Corp M63155FP Datasheet HTML 24Page - Renesas Technology Corp M63155FP Datasheet HTML 25Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 41 page
background image
M63155FP
Rev.1.0, Sep.16.2003, page 21 of 40
12. Braking Mode Selection (BRS)
1) In the normal mode (FLT output is “H”)
The braking mode whether coast (free-run) or brake (short-brake) is selected by the BRS terminal. In the coast
(free-run) mode, all of the output terminals are floating. On the other side, in the brake (short-brake) mode, all of
the top side MOS FETs are turned off and all of the bottom side MOS FETs are turned on. This Braking Mode
provides a braking torque which depends on the motor speed.
2) In the fault mode (FLT output is “L”)
In this case, the braking mode whether coast or brake is selected by the PWM signal irrelevant to the BRK
signal and the Current Control (RSS, CTL, TCL) function. The BRS state is latched by the FLT “L” signal. In
the BRS “L” state the coast mode is selected, while in the BRS “H” state the PWM signal determines the brake
mode.
And at this time, the positive power supply for the gate of the bottom side MOS FETs is provided by the charge-
pump external capacitor (Cgb; cf. Application circuit).
If gate drive to the bottom side MOS FETs is chopped via external control of the PWM pin, the minimum value
for Cgb is given in the following formula.
Coarse Cgb calculation
Cgb(min)= t x f x 3q(gate) / [Vcgb(initial) - Vcgb(final)]
for C in farads:
t = soft braking time (sec)
f = a chop frequency for PWM pin (Hz)
q(gate) = a electric charge stored in MOS FET gate (C)
q(gate) : refer to the data sheet of selected MOS FET
* In brake mode, the three bottom side MOS FETs(UB,VB,WB) turns on simultaneously. So, it is needed
by 3q(gate).
Vcgb = delta V from initial to final (volts)
Table 3. gives the BRS selection truth table.
TABLE 3.
BRS Selection Truth Table
normal mode (FLT;H)
fault mode (FLT;L)
BRS
BRK; H
BRK; L
PWM; H
PWM; L
High
Normal
Brake
Brake
Coast
Low
Normal
Coast
Coast
13. Reset input (RST)
This input used to enable the device. The “H” input allows the gate drive output to follow “Motor I/O truth table”.
The “L” input forces all gate drive output to 0V, coast(free-run) mode, and overrides the BRK state. And this “L”
input also resets the BRS state latched by the FLT “L” signal.
Table 4. gives the RST selection truth table.
TABLE 4.
RST Selection Truth Table
RST
Function Mode
High
Enable the device
Low
Disable the device (Reset the BRS and FLT state)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com