Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M63155FP Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # M63155FP
Description  3 PHASE BRUSHLESS MOTOR CONTROLLER
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M63155FP Datasheet(HTML) 2 Page - Renesas Technology Corp

  M63155FP Datasheet HTML 1Page - Renesas Technology Corp M63155FP Datasheet HTML 2Page - Renesas Technology Corp M63155FP Datasheet HTML 3Page - Renesas Technology Corp M63155FP Datasheet HTML 4Page - Renesas Technology Corp M63155FP Datasheet HTML 5Page - Renesas Technology Corp M63155FP Datasheet HTML 6Page - Renesas Technology Corp M63155FP Datasheet HTML 7Page - Renesas Technology Corp M63155FP Datasheet HTML 8Page - Renesas Technology Corp M63155FP Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 41 page
background image
M63155FP
Rev.1.0, Sep.16.2003, page 2 of 40
52pin HSSOP (52P9Y)
Pin Configuration (TOP VIEW)
1
UT
25
RST
2
U
3
UB
4
VT
5
V
6
VB
7
WT
8
W
9
WB
10
RSM
11
GND
12
NC
13
14
HU
15
HV
16
GND
17
HW
18
VCC1
19
TCL
20
CTL
21
CCFB
22
FCE
23
FG
26
DS
24
FLT
52
VM
51
VGT
50
CP6
49
CP5
48
VGB
47
CP4
46
CP3
45
VCP
44
CP2
43
CP1
42
GND
41
SVCC
40
VCC2
39
OSC1
38
OSC2
37
GND
36
SGND
35
REGR
34
REGC
33
REGB
31
REGL
29
BRS
28
FR
27
PWM
32
REGE
30
BRK
RSS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com