Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7616 Datasheet(PDF) 55 Page - Renesas Technology Corp

Part # SH7616
Description  32-Bit RISC Microcomputer SuperH™ RISC engine Family/SH7600 Series
PDF  935 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7616 Datasheet(HTML) 55 Page - Renesas Technology Corp

Back Button SH7616 Datasheet HTML 51Page - Renesas Technology Corp SH7616 Datasheet HTML 52Page - Renesas Technology Corp SH7616 Datasheet HTML 53Page - Renesas Technology Corp SH7616 Datasheet HTML 54Page - Renesas Technology Corp SH7616 Datasheet HTML 55Page - Renesas Technology Corp SH7616 Datasheet HTML 56Page - Renesas Technology Corp SH7616 Datasheet HTML 57Page - Renesas Technology Corp SH7616 Datasheet HTML 58Page - Renesas Technology Corp SH7616 Datasheet HTML 59Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 935 page
background image
Section 1 Overview
Rev. 2.00 Mar 09, 2006 page 29 of 906
REJ09B0292-0200
• Standby Mode
A transition to standby mode is made if the SLEEP instruction is executed while SBY is set to
1 in SBYCR1. In standby mode the CPU, the on-chip modules, and the oscillator all stop.
When entering standby mode, the DMAC’s DMA master enable bit should be cleared to 0.
Also, the cache should be turned off before entering this mode. The contents of the cache and
on-chip RAM are not retained in this mode.
Standby mode is exited by means of a reset or an external NMI interrupt. When standby mode
is exited, the normal program execution state is entered via the exception handling state after
the elapse of the oscillation settling time.
If a transition is made to standby mode using the clock pause function, it is possible to change
the frequency of the CKIO pin input clock, or to stop the clock itself. When SBY in SBYCR1
is set to 1 and a low level is applied to the
CKPREQ/CKM pin, a transition is made to standby
mode and a low level is output from the
CKPACK pin. The clock can then be stopped, or its
frequency changed.
On-chip supporting module states and pin states are the same as in the normal standby mode
entered by means of the SLEEP instruction. A transition to the program execution state is
made by applying a high level to the
CKPREQ/CKM pin.
In this mode the oscillator is halted, greatly reducing power consumption.
• Module Standby Function
A module standby function is provided for the following on-chip supporting modules: the
direct memory access controller (DMAC), DSP, 16-bit free-running timer (FRT), serial
communication interface with FIFO (SCIF), serial I/O with FIFO (SIOF), serial I/O (SIO), user
break controller (UBC), and timer pulse unit (TPU). A module standby function is not
supported for the Ethernet controller (EtherC) or the Ethernet direct memory access controller
(E-DMAC).
Setting one of module stop bits 11 to 3 and 1 (MSTP11 to MSTP3, MSTP1) to 1 in the standby
control register (SBYCR1/2) stops the clock supply to the corresponding on-chip supporting
module. Use of this function enables power consumption to be reduced.
The module standby function is cleared by clearing the corresponding MSTP bit to 0.
DSP instructions must not be used when the DSP has been placed in the module standby state.
When using the DMAC module standby function, the direct memory access controller’s DMA
master enable bit should be cleared to 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com