Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7616 Datasheet(PDF) 28 Page - Renesas Technology Corp

Part # SH7616
Description  32-Bit RISC Microcomputer SuperH™ RISC engine Family/SH7600 Series
PDF  935 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7616 Datasheet(HTML) 28 Page - Renesas Technology Corp

Back Button SH7616 Datasheet HTML 24Page - Renesas Technology Corp SH7616 Datasheet HTML 25Page - Renesas Technology Corp SH7616 Datasheet HTML 26Page - Renesas Technology Corp SH7616 Datasheet HTML 27Page - Renesas Technology Corp SH7616 Datasheet HTML 28Page - Renesas Technology Corp SH7616 Datasheet HTML 29Page - Renesas Technology Corp SH7616 Datasheet HTML 30Page - Renesas Technology Corp SH7616 Datasheet HTML 31Page - Renesas Technology Corp SH7616 Datasheet HTML 32Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 935 page
background image
Section 1 Overview
Rev. 2.00 Mar 09, 2006 page 2 of 906
REJ09B0292-0200
Table 1.1
Features
Item
Specifications
CPU
• Original Renesas architecture
• 32-bit internal architecture
• General register machine
 Sixteen 32-bit general registers
 Six 32-bit control registers (including 3 added for DSP use)
 Ten 32-bit system registers
• RISC (Reduced Instruction Set Computer) type instruction set
 Fixed 16-bit instruction length for improved code efficiency
 Load-store architecture (basic operations are executed between
registers)
 Delayed branch instructions reduce pipeline disruption during
branches
 C-oriented instruction set
• Instruction execution time: One instruction per cycle (16.0 ns/instruction at
62.5 MHz operation)
• Address space: Architecture supports 4 Gbytes
• On-chip multiplier: Multiply operations (32 bits × 32 bits → 64 bits) and
multiply-and-accumulate operations (32 bits
× 32 bits + 64 bits → 64 bits)
executed in two to four cycles
• Five-stage pipeline



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com