Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7616 Datasheet(PDF) 30 Page - Renesas Technology Corp

Part # SH7616
Description  32-Bit RISC Microcomputer SuperH™ RISC engine Family/SH7600 Series
PDF  935 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7616 Datasheet(HTML) 30 Page - Renesas Technology Corp

Back Button SH7616 Datasheet HTML 26Page - Renesas Technology Corp SH7616 Datasheet HTML 27Page - Renesas Technology Corp SH7616 Datasheet HTML 28Page - Renesas Technology Corp SH7616 Datasheet HTML 29Page - Renesas Technology Corp SH7616 Datasheet HTML 30Page - Renesas Technology Corp SH7616 Datasheet HTML 31Page - Renesas Technology Corp SH7616 Datasheet HTML 32Page - Renesas Technology Corp SH7616 Datasheet HTML 33Page - Renesas Technology Corp SH7616 Datasheet HTML 34Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 935 page
background image
Section 1 Overview
Rev. 2.00 Mar 09, 2006 page 4 of 906
REJ09B0292-0200
Item
Specifications
Cache
• Mixed instruction/data type cache
• Maximum of 4 kbytes
• 4-way set-associative type
• 16-byte line length
• 64 cache tag entries
• 16-byte write-back buffer
• Selection of write-through or write-back mode for data writes
• LRU replacement algorithm
• Can also be used as 2-kbyte cache and 2-kbyte RAM (2-way cache mode)
• Mixed instruction/data cache, instruction cache, or data cache mode can
be set
• 1-cycle reads, 2-cycle writes (in write-back mode)
Interrupt controller
(INTC)
• 16 priority levels can be set
• On-chip supporting module interrupt vector numbers can be set
• 41 internal interrupt sources
• The E-DMAC interrupt (EINT) is input to the INTC as the OR of 22 EtherC
and E-DMAC interrupt sources (max.). Thus, from the viewpoint of the
INTC, there is one EtherC/E-DMAC interrupt source.
• Five external interrupt pins (NMI, IRL0 to IRL3)
• 15 external interrupt sources (encoded input) can also be selected for pins
IRL0 to IRL3 (IRL interrupts)
• IRL interrupt vector number setting can also be selected (selection of auto
vector or external vector)
• Provision for IRQ interrupt setting (low-level, rising-edge, falling-edge,
both-edge detection)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com