Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7616 Datasheet(PDF) 86 Page - Renesas Technology Corp

Part # SH7616
Description  32-Bit RISC Microcomputer SuperH™ RISC engine Family/SH7600 Series
PDF  935 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7616 Datasheet(HTML) 86 Page - Renesas Technology Corp

Back Button SH7616 Datasheet HTML 82Page - Renesas Technology Corp SH7616 Datasheet HTML 83Page - Renesas Technology Corp SH7616 Datasheet HTML 84Page - Renesas Technology Corp SH7616 Datasheet HTML 85Page - Renesas Technology Corp SH7616 Datasheet HTML 86Page - Renesas Technology Corp SH7616 Datasheet HTML 87Page - Renesas Technology Corp SH7616 Datasheet HTML 88Page - Renesas Technology Corp SH7616 Datasheet HTML 89Page - Renesas Technology Corp SH7616 Datasheet HTML 90Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 935 page
background image
Section 2 CPU
Rev. 2.00 Mar 09, 2006 page 60 of 906
REJ09B0292-0200
Instruction (MOVX/MOVY)
DMX
CONT
MS
CMP
ME
ALU
AU
ABx
ABy
R4[Ax]
R6[Ay]
R5[Ax]
R7[Ay]
R8[Ix]
R9[Iy]
DMY
31
0
0
0
0
1
1
16
16
15
15
15
31
31
31
+2
+0
+2
+0
15
15
1
1
XAB
YAB
15
Figure 2.11 Modulo Addressing
An example of modulo addressing is indicated below:
MS=H'E008; ME=H'E00C; R4=H'1000E008;
DMX=1; DMY=0;
(sets modulo addressing for address register Ax (R4, R5))
The R4 register changes as follows due to the above settings.
R4: H'1000E008
Inc.
R4: H'1000E00A
Inc.
R4: H'1000E00C
Inc.
R4: H'1000E008
(becomes the modulo start address because the modulo end
address occurred)
Data is placed so that the upper 16 bits of the modulo start and end addresses become identical.
This is so because the modulo start address replaces only the lower 15 bits of the address register,
excepting bit 0.
Note: When using add index with DSP data addressing, there are cases where the value is
exceeded without the address pointer matching the ME. In such cases, the address pointer
does not return to the modulo start address. Bit 0 is disregarded not only for modulo
addressing, but also during X, Y data addressing, so always write 0 to the 0 bits of the
address pointer, index register, MS, and ME.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com