Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AFE5804 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # AFE5804
Description  FULLY-INTEGRATED, 8-CHANNEL ANALOG FRONT-END FOR ULTRASOUND 0.89nV/?숰z, 12-Bit, 40MSPS, 101mW/Channel
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AFE5804 Datasheet(HTML) 5 Page - Texas Instruments

  AFE5804 Datasheet HTML 1Page - Texas Instruments AFE5804 Datasheet HTML 2Page - Texas Instruments AFE5804 Datasheet HTML 3Page - Texas Instruments AFE5804 Datasheet HTML 4Page - Texas Instruments AFE5804 Datasheet HTML 5Page - Texas Instruments AFE5804 Datasheet HTML 6Page - Texas Instruments AFE5804 Datasheet HTML 7Page - Texas Instruments AFE5804 Datasheet HTML 8Page - Texas Instruments AFE5804 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 60 page
background image
AFE5804
www.ti.com ................................................................................................................................................ SBOS442A – JUNE 2008 – REVISED SEPTEMBER 2008
ELECTRICAL CHARACTERISTICS (continued)
At AVDD_5V = 5.0V, AVDD1 = AVDD2 = DVDD = 3.3V, LVDD = 1.8V, TGC mode I, single-ended input into LNA, ac-coupled
(1.0
µF), V
CNTL = 1.0V, fIN = 5MHz, Clock = 40MSPS, 50% duty cycle, LPF = 12.5MHz, internal reference mode, ISET = 56kΩ,
LVDS buffer setting = 3.5mA, and ambient temperature TA = +25°C, unless otherwise noted.
AFE5804
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
EXTERNAL REFERENCE VOLTAGES (ADC)
Reference top
VREFT
2.4
2.5
2.6
V
Reference bottom
VREFB
0.4
0.5
0.6
V
VREFT – VREFB
1.9
2.1
V
Switching current(4)
2.5
mA
POWER SUPPLY
SUPPLY VOLTAGES
At 40MSPS
AVDD1, AVDD2, DVDD
Operating
3.15
3.3
3.47
V
AVDD_5V
Operating
4.75
5
5.25
V
LVDD
1.7
1.8
1.9
V
SUPPLY CURRENTS
IAVDD1 (ADC)
99
110
mA
TGC mode I
123
136
mA
IAVDD2 (VCA)
CW mode
63
75
mA
TGC mode I
7
10
mA
IAVDD_5V (VCA)
CW mode
54
61
mA
IDVDD (VCA)
1.5
3.0
mA
ILVDD (ADC)
68
80
mA
All channels, TGC mode I, no signal
896
985
mW
All channels, TGC mode II, no signal
808
898
mW
Power dissipation, total(5)
All channels, PW mode , no signal
840
925
mW
All channels, CW mode, no signal(6)
525
575
mW
No clock applied, no signal
528
mW
POWER-DOWN MODES
Power-down dissipation, total
Complete power-down mode
52
68
mW
Power-down response time
1.0
µs
Power-up response time
PD to valid output (90% level)
50
µs
Power-down dissipation(7)
Partial power-down mode
95
mW
THERMAL CHARACTERISTICS
Temperature range
0
85
°C
Thermal resistance, TJA
32
°C/W
Thermal resistance, TJC
4.2
°C/W
(4)
Current drawn by the eight ADC channels from the external reference voltages; sourcing for VREFT, sinking for VREFB.
(5)
Programmable power affects on the front-end; ADC power consumption remains constant at about 57mW/channel for 40MSPS.
(6)
ADC powered-down during CW mode.
(7)
At VCA_PD pin pulled high; see also Power-Down Timing diagram.
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): AFE5804



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com