Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AFE5804 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # AFE5804
Description  FULLY-INTEGRATED, 8-CHANNEL ANALOG FRONT-END FOR ULTRASOUND 0.89nV/?숰z, 12-Bit, 40MSPS, 101mW/Channel
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AFE5804 Datasheet(HTML) 10 Page - Texas Instruments

Back Button AFE5804 Datasheet HTML 6Page - Texas Instruments AFE5804 Datasheet HTML 7Page - Texas Instruments AFE5804 Datasheet HTML 8Page - Texas Instruments AFE5804 Datasheet HTML 9Page - Texas Instruments AFE5804 Datasheet HTML 10Page - Texas Instruments AFE5804 Datasheet HTML 11Page - Texas Instruments AFE5804 Datasheet HTML 12Page - Texas Instruments AFE5804 Datasheet HTML 13Page - Texas Instruments AFE5804 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 60 page
background image
AFE5804
SBOS442A – JUNE 2008 – REVISED SEPTEMBER 2008 ................................................................................................................................................ www.ti.com
Table 1. TERMINAL FUNCTIONS
PIN NO.
PIN NAME
FUNCTION
DESCRIPTION
H7
CS
Input
Chip select for serial interface; active low
H1
ADS_PD
Input
Power-down pin for ADS; active high
H9
ADS_RESET
Input
RESET input for ADS; active low
H6
SCLK
Input
Serial clock input for serial interface
H8
SDATA
Input
Serial data input for serial interface
J2, L2, K7, J7,
AVDD1
POWER
3.3V analog supply for ADS
K3, L8, K5, K6
L3, M3, L4, M4,
L5, M5, L6, M6,
AVSS1
GND
Analog ground for ADS
L7, M7, J1
P5, N6, N7
LVDD
POWER
1.8V digital supply for ADS
N3, N4, N5, R5
LVSS
GND
Digital ground for ADS
C5, D5
DVDD
POWER
3.3V digital supply for the VCA; connect to the 3.3V analog supply (AVDD2).
C2, C8, G2, G8
AVDD2
POWER
3.3V analog supply for VCA
E2, E8
AVDD_5V
POWER
5V supply for VCA
C3, D3, C4, D4,
E4, F4, G4, E5,
F5, G5, C6, D6,
AVSS2
GND
Analog ground for VCA
E6, F6, G6, C7,
D7, J4, J5, J6
K1
CLKM
Input
Negative clock input for ADS (connect to Ground in single-ended clock mode)
L1
CLKP
Input
Positive clock input for ADS
K8
CM
Input/Output
1.5V common-mode I/O for ADS. Becomes input pin in one of the external reference modes.
C9
CW0
Output
CW output 0
D9
CW1
Output
CW output 1
E9
CW2
Output
CW output 2
F9
CW3
Output
CW output 3
G9
CW4
Output
CW output 4
G1
CW5
Output
CW output 5
F1
CW6
Output
CW output 6
E1
CW7
Output
CW output 7
D1
CW8
Output
CW output 8
C1
CW9
Output
CW output 9
L9
EN_SM
Input
Enables access to the VCA register. Active high. Connect permanently to 3.3V (AVDD2).
N8
FCLKM
Output
LVDS frame clock (negative output)
N9
FCLKP
Output
LVDS frame clock (positive output)
A1
IN1
Input
LNA input Channel 1
A2
IN2
Input
LNA input Channel 2
A3
IN3
Input
LNA input Channel 3
A4
IN4
Input
LNA input Channel 4
A9
IN5
Input
LNA input Channel 5
A8
IN6
Input
LNA input Channel 6
A7
IN7
Input
LNA input Channel 7
A6
IN8
Input
LNA input Channel 8
J3
INT/EXT
Input
Internal/ external reference mode select for ADS; internal = high
K9
ISET
Input
Current bias pin for ADS. Requires 56k
Ω to ground.
N2
LCLKM
Output
LVDS bit clock (6x); negative output
N1
LCLKP
Output
LVDS bit clock (6x); positive output
R4
OUT1M
Output
LVDS data output (negative), Channel 1
P4
OUT1P
Output
LVDS data output (positive), Channel 1
R3
OUT2M
Output
LVDS data output (negative), Channel 2
P3
OUT2P
Output
LVDS data output (positive), Channel 2
R2
OUT3M
Output
LVDS data output (negative), Channel 3
10
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): AFE5804



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com