Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AFE5804 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # AFE5804
Description  FULLY-INTEGRATED, 8-CHANNEL ANALOG FRONT-END FOR ULTRASOUND 0.89nV/?숰z, 12-Bit, 40MSPS, 101mW/Channel
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AFE5804 Datasheet(HTML) 11 Page - Texas Instruments

Back Button AFE5804 Datasheet HTML 7Page - Texas Instruments AFE5804 Datasheet HTML 8Page - Texas Instruments AFE5804 Datasheet HTML 9Page - Texas Instruments AFE5804 Datasheet HTML 10Page - Texas Instruments AFE5804 Datasheet HTML 11Page - Texas Instruments AFE5804 Datasheet HTML 12Page - Texas Instruments AFE5804 Datasheet HTML 13Page - Texas Instruments AFE5804 Datasheet HTML 14Page - Texas Instruments AFE5804 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 60 page
background image
AFE5804
www.ti.com ................................................................................................................................................ SBOS442A – JUNE 2008 – REVISED SEPTEMBER 2008
Table 1. TERMINAL FUNCTIONS (continued)
PIN NO.
PIN NAME
FUNCTION
DESCRIPTION
P2
OUT3P
Output
LVDS data output (positive), Channel 3
R1
OUT4M
Output
LVDS data output (negative), Channel 4
P1
OUT4P
Output
LVDS data output (positive), Channel 4
R6
OUT5M
Output
LVDS data output (negative), Channel 5
P6
OUT5P
Output
LVDS data output (positive), Channel 5
R7
OUT6M
Output
LVDS data output (negative), Channel 6
P7
OUT6P
Output
LVDS data output (positive), Channel 6
R8
OUT7M
Output
LVDS data output (negative), Channel 7
P8
OUT7P
Output
LVDS data output (positive), Channel 7
R9
OUT8M
Output
LVDS data output (negative), Channel 8
P9
OUT8P
Output
LVDS data output (positive), Channel 8
J9
REFB
Input/Output
0.5V Negative reference of ADS. Decoupling to ground. Becomes input in external ref mode.
J8
REFT
Input/Output
2.5V Positive reference of ADS. Decoupling to ground. Becomes input in external ref mode.
H5
RST
Input
RESET input for VCA. Connect to the VCA_CS pin (H4).
H4
VCA_CS
Output
Connect to RST–pin (H5)
F2
VB1
Output
Internal bias voltage. Bypass to ground with 2.2
µF.
D8
VB2
Output
Internal bias voltage. Bypass to ground with 0.1
µF.
E3
VB3
Output
Internal bias voltage. Bypass to ground with 0.1
µF.
E7
VB4
Output
Internal bias voltage. Bypass to ground with 0.1
µF
F3
VB5
Output
Internal bias voltage. Bypass to ground with 0.1
µF.
F8
VB6
Output
Internal bias voltage. Bypass to ground with 0.1
µF.
B1
VBL1
Input
Complementary LNA input Channel 1; bypass to ground with 0.1
µF.
B2
VBL2
Input
Complementary LNA input Channel 2; bypass to ground with 0.1
µF.
B3
VBL3
Input
Complementary LNA input Channel 3; bypass to ground with 0.1
µF.
B4
VBL4
Input
Complementary LNA input Channel 4; bypass to ground with 0.1
µF.
B9
VBL5
Input
Complementary LNA input Channel 5; bypass to ground with 0.1
µF.
B8
VBL6
Input
Complementary LNA input Channel 6; bypass to ground with 0.1
µF.
B7
VBL7
Input
Complementary LNA input Channel 7; bypass to ground with 0.1
µF.
B6
VBL8
Input
Complementary LNA input Channel 8; bypass to ground with 0.1
µF.
A5
VCA_PD
Input
Power-down pin for VCA; low = normal mode, high = power-down mode.
G3
VCM
Output
VCA reference voltage. Bypass to ground with 0.1
µF.
D2
VCNTL
Input
VCA control voltage input
F7
VREFH
Output
Clamp reference voltage (2.7V). Bypass to ground with 0.1
µF.
G7
VREFL
Output
Clamp reference voltage (2.0V). Bypass to ground with 0.1
µF.
B5, H2, H3, K2,
K4, M1, M2,
DNC
Do not connect
M8, M9
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Link(s): AFE5804



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com