Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AFE5804 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # AFE5804
Description  FULLY-INTEGRATED, 8-CHANNEL ANALOG FRONT-END FOR ULTRASOUND 0.89nV/?숰z, 12-Bit, 40MSPS, 101mW/Channel
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AFE5804 Datasheet(HTML) 1 Page - Texas Instruments

  AFE5804 Datasheet HTML 1Page - Texas Instruments AFE5804 Datasheet HTML 2Page - Texas Instruments AFE5804 Datasheet HTML 3Page - Texas Instruments AFE5804 Datasheet HTML 4Page - Texas Instruments AFE5804 Datasheet HTML 5Page - Texas Instruments AFE5804 Datasheet HTML 6Page - Texas Instruments AFE5804 Datasheet HTML 7Page - Texas Instruments AFE5804 Datasheet HTML 8Page - Texas Instruments AFE5804 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 60 page
background image
1
FEATURES
DESCRIPTION
APPLICATIONS
LNA
8Channels
SPI
IN1
IN8
..
..
CH1
LVDS
OUT
CH8
..
VCA/PGA
Clamp
and
LPF
Logic/Controls
Reference
CWSwitchMatrix(8 10)
´
I
(10)
OUT
12-Bit
ADC
AFE5804
AFE5804
www.ti.com ................................................................................................................................................ SBOS442A – JUNE 2008 – REVISED SEPTEMBER 2008
FULLY-INTEGRATED, 8-CHANNEL ANALOG FRONT-END FOR ULTRASOUND
0.89nV/
√Hz, 12-Bit, 40MSPS, 101mW/Channel
23
• 8-Channel Complete Analog Front-End:
The AFE5804 is a complete analog front-end device
specifically designed for ultrasound systems that
–
LNA, VCA, PGA, LPF, and ADC
require low power and small size.
• Mode Control for Power/Noise Optimization:
The AFE5804 consists of eight channels, including a
–
Low Noise (Full-Channel):
low-noise
amplifier
(LNA),
voltage-controlled
0.89nV/
√Hz (TGC Mode I)
attenuator
(VCA),
programmable
gain
amplifier
1.23nV/
√Hz (TGC Mode II)
(PGA),
low-pass
filter
(LPF),
and
a
12-bit
1.03nV/
√Hz (PW Mode)
analog-to-digital converter (ADC) with low voltage
–
Ultra-Low Power:
differential signaling (LVDS) data outputs.
101mW/Channel (TGC Mode II)
The LNA gain is set for 20dB gain and has excellent
65mW/Channel (CW Mode)
noise and signal handling capabilities, including fast
• Low-Noise Pre-Amp (LNA):
overload recovery. VCA gain can vary over a 46dB
–
0.75nV/
√Hz
range with a 0V to 1.2V control voltage common to all
channels of the AFE5804.
–
20dB Fixed Gain
The PGA can be programmed for gains of 20dB,
–
280mVPP Linear Input Range
25dB, 27dB, and 30dB. The internal low-pass filter
• Variable-Gain Amplifier:
can also be programmed to 12.5MHz or 17MHz.
–
Gain Control Range: 46dB
The LVDS outputs of the ADC reduce the number of
• PGA Gain Settings: 20dB, 25dB, 27dB, 30dB
interface lines to an ASIC or FPGA, thereby enabling
• Low-Pass Filter:
the high system integration densities desired for
portable systems. The ADC can either be operated
–
Selectable BW: 12.5MHz, 17MHz
with internal or external references. The ADC also
–
2nd-Order, Bessel
features a signal-to-noise ratio (SNR) enhancement
• Gain Error: ±0.5dB
mode that can be useful at high gains.
• Channel Matching: ±0.25dB
The AFE5804 is available in a 15mm × 9mm,
• Clamping
135-ball
BGA
package
that
is
Pb-free
(RoHS-compliant) and green. It is specified for
• Fast Overload Recovery: Two Clock Cycles
operation from 0°C to +85°C.
• 12-Bit Analog-to-Digital Converter:
–
10MSPS to 50MSPS
–
69dB SNR at 10MHz
–
Serial LVDS Interface
• Integrated CW Switch Matrix
• 15mm × 9mm, 135-BGA Package:
–
Pb-Free (RoHS-Compliant) and Green
• Medical Imaging, Ultrasound
–
Portable Systems
–
Battery-Powered Systems
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
Infineon is a registered trademark of Infineon Technologies.
3
All other trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2008, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - AFE5804

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AFE5804 TI-AFE5804 Datasheet
937Kb / 61P
FULLY-INTEGRATED, 8-CHANNEL ANALOG FRONT-END FOR ULTRASOUND 0.89nV/?숰z, 12-Bit, 40MSPS, 101mW/Channel
AFE5804 TI1-AFE5804 Datasheet
693Kb / 63P
FULLY-INTEGRATED, 8-CHANNEL ANALOG FRONT-END FOR ULTRASOUND 12-Bit, 40MSPS, 101mW/Channel
AFE5804 TI2-AFE5804 Datasheet
458Kb / 6P
AFE5816 16-Channel Ultrasound AFE With 90mW/Channel Power, 1nV/√ Hz Noise, 14-Bit, 65-MSPS or 12-Bit, 80 MSPS ADC and Passive CW Mixer
MARCH 2024
AFE5804 TI2-AFE5804 Datasheet
462Kb / 6P
AFE5818 16-Channel, Ultrasound, Analog Front-End with 140mW/Channel Power, 0.75nV/√ Hz Noise, 14-Bit, 65-MSPS or 12-Bit, 80 MSPS ADC, and Passive CW Mixer
MARCH 2024
AFE5804 TI2-AFE5804 Datasheet
762Kb / 63P
FULLY-INTEGRATED, 8-CHANNEL ANALOG FRONT-END FOR ULTRASOUND 0.89nV/√Hz, 12-Bit, 40MSPS, 101mW/Channel
REVISED OCTOBER 2011
More results

Similar Description - AFE5804

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AFE5805 TI-AFE5805 Datasheet
417Kb / 32P
8-CHANNEL ANALOG FRONT-END FOR ULTRASOUND
AFE5805 TI-AFE5805_1 Datasheet
740Kb / 51P
FULLY-INTEGRATED, 8-CHANNEL ANALOG FRONT-END FOR ULTRASOUND 0.85nV/?숰z, 12-Bit, 50MSPS, 122mW/Channel
AFE5805 TI-AFE5805_10 Datasheet
832Kb / 52P
FULLY-INTEGRATED,8-CHANNEL ANALOG FRONT-END FOR ULTRASOUND 0.85nV/?숰z, 12-Bit, 50MSPS, 122mW/Channel
AFE5804 TI-AFE5804_1 Datasheet
937Kb / 61P
FULLY-INTEGRATED, 8-CHANNEL ANALOG FRONT-END FOR ULTRASOUND 0.89nV/?숰z, 12-Bit, 40MSPS, 101mW/Channel
AFE5803 TI-AFE5803 Datasheet
790Kb / 52P
Fully Integrated, 8-Channel Ultrasound Analog Front End
AFE5807ZCF TI1-AFE5807ZCF Datasheet
1Mb / 74P
Fully Integrated, 8-Channel Ultrasound Analog Front End
AFE5805 TI1-AFE5805_14 Datasheet
835Kb / 53P
FULLY-INTEGRATED, 8-CHANNEL ANALOG FRONT-END FOR ULTRASOUND 0.85nV/?숰z, 12-Bit, 50MSPS, 122mW/Channel
AFE5803 TI1-AFE5803_14 Datasheet
791Kb / 53P
Fully Integrated, 8-Channel Ultrasound Analog Front End, 0.75 nV/rtHz, 14/12-Bit, 65 MSPS, 158 mW/CH
AFE5818 TI1-AFE5818 Datasheet
2Mb / 156P
16-Channel, Ultrasound, Analog Front-End
AFE5804 TI1-AFE5804_17 Datasheet
693Kb / 63P
FULLY-INTEGRATED, 8-CHANNEL ANALOG FRONT-END FOR ULTRASOUND 12-Bit, 40MSPS, 101mW/Channel
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com