Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD64F2149 Datasheet(PDF) 58 Page - Renesas Technology Corp

Part # HD64F2149
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2100 Series
PDF  1075 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F2149 Datasheet(HTML) 58 Page - Renesas Technology Corp

Back Button HD64F2149 Datasheet HTML 54Page - Renesas Technology Corp HD64F2149 Datasheet HTML 55Page - Renesas Technology Corp HD64F2149 Datasheet HTML 56Page - Renesas Technology Corp HD64F2149 Datasheet HTML 57Page - Renesas Technology Corp HD64F2149 Datasheet HTML 58Page - Renesas Technology Corp HD64F2149 Datasheet HTML 59Page - Renesas Technology Corp HD64F2149 Datasheet HTML 60Page - Renesas Technology Corp HD64F2149 Datasheet HTML 61Page - Renesas Technology Corp HD64F2149 Datasheet HTML 62Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 1075 page
background image
Section 1 Overview
Rev. 3.00 Jan 18, 2006 page 30 of 1044
REJ09B0280-0300
Pin No.
Type
Symbol
FP-100B,
TFP-100B TFP-144 I/O
Name and Function
I/O ports
P52–P50
12–14
14–16
Input/
Output
Port 5: Three input/output pins. The data
direction of each pin can be selected in the
port 5 data direction register (P5DDR). P52
is an NMOS push-pull output.
P67–P60
35–32
29–26
85–78
Input/
Output
Port 6: Eight input/output pins. The data
direction of each pin can be selected in the
port 6 data direction register (P6DDR).
These pins have built-in MOS input pull-
ups.
P77–P70
45–38
75–68
Input
Port 7: Eight input pins.
P86–P80
99–93
135–129 Input/
Output
Port 8: Seven input/output pins. The data
direction of each pin can be selected in the
port 8 data direction register (P8DDR).
P97–P90
16–19
22–25
17–24
Input/
Output
Port 9: Eight input/output pins. The data
direction of each pin (except P96) can be
selected in the port 9 data direction register
(P9DDR). P97 is an NMOS push-pull
output.
PA7–PA0
10, 11, 20,
21, 30, 31,
47, 48
33–35,
37–41
Input/
Output
Port A: Eight input/output pins. The data
direction of each pin can be selected in the
port A data direction register (PADDR).
These pins have built-in MOS input pull-
ups. These are VCCB drive pins.
PB7–PB0
57, 58, 68,
69, 80, 81,
90, 91
113–120 Input/
Output
Port B: Eight input/output pins. The data
direction of each pin can be selected in the
port B data direction register (PBDDR).
These pins have built-in MOS input pull-
ups.
PC7–PC0
—
87–94
Input/
Output
Port C: Eight input/output pins. The data
direction of each pin can be selected in the
port C data direction register (PCDDR).
These pins have built-in MOS input pull-
ups.
PD7–PD0
—
59–66
Input/
Output
Port D: Eight input/output pins. The data
direction of each pin can be selected in the
port D data direction register (PDDDR).
These pins have built-in MOS input pull-
ups.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com