Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD64F2149 Datasheet(PDF) 59 Page - Renesas Technology Corp

Part # HD64F2149
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2100 Series
PDF  1075 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F2149 Datasheet(HTML) 59 Page - Renesas Technology Corp

Back Button HD64F2149 Datasheet HTML 55Page - Renesas Technology Corp HD64F2149 Datasheet HTML 56Page - Renesas Technology Corp HD64F2149 Datasheet HTML 57Page - Renesas Technology Corp HD64F2149 Datasheet HTML 58Page - Renesas Technology Corp HD64F2149 Datasheet HTML 59Page - Renesas Technology Corp HD64F2149 Datasheet HTML 60Page - Renesas Technology Corp HD64F2149 Datasheet HTML 61Page - Renesas Technology Corp HD64F2149 Datasheet HTML 62Page - Renesas Technology Corp HD64F2149 Datasheet HTML 63Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 1075 page
background image
Section 1 Overview
Rev. 3.00 Jan 18, 2006 page 31 of 1044
REJ09B0280-0300
Pin No.
Type
Symbol
FP-100B,
TFP-100B TFP-144 I/O
Name and Function
I/O ports
PE7–PE0
—
25–32
Input/
Output
Port E: Eight input/output pins. The data
direction of each pin can be selected in the
port E data direction register (PEDDR).
These pins have built-in MOS input pull-
ups. These are VCCB drive pins.
PF7–PF0
—
43–50
Input/
Output
Port F: Eight input/output pins. The data
direction of each pin can be selected in the
port F data direction register (PFDDR).
These pins have built-in MOS input pull-
ups. These are VCCB drive pins.
PG7–PG0
—
51–58
Input/
Output
Port G: Eight input/output pins. The data
direction of each pin can be selected in the
port G data direction register (PGDDR).
These pins have built-in MOS input pull-
ups. These are VCCB drive pins.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com